Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS86PW Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74HCS86PW
Description  SN74HCS86 Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS86PW Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS86PW Datasheet HTML 1Page - Texas Instruments SN74HCS86PW Datasheet HTML 2Page - Texas Instruments SN74HCS86PW Datasheet HTML 3Page - Texas Instruments SN74HCS86PW Datasheet HTML 4Page - Texas Instruments SN74HCS86PW Datasheet HTML 5Page - Texas Instruments SN74HCS86PW Datasheet HTML 6Page - Texas Instruments SN74HCS86PW Datasheet HTML 7Page - Texas Instruments SN74HCS86PW Datasheet HTML 8Page - Texas Instruments SN74HCS86PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
5 Pin Configuration and Functions
1B
1A
1Y
2A
2B
2Y
GND
4B
V
CC
4A
4Y
3B
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Figure 5-1. D or PW Package
14-Pin SOIC or TSSOP
Top View
1B
1Y
2A
2B
2Y
GND
4B
4A
4Y
3B
3A
3Y
PAD
1A
V
CC
2
3
4
5
6
7
13
12
11
10
9
8
1
14
Figure 5-2. BQA Package
14-Pin WQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
1A
1
Input
Channel 1, Input A
1B
2
Input
Channel 1, Input B
1Y
3
Output
Channel 1, Output Y
2A
4
Input
Channel 2, Input A
2B
5
Input
Channel 2, Input B
2Y
6
Output
Channel 2, Output Y
GND
7
—
Ground
3Y
8
Output
Channel 3, Output Y
3A
9
Input
Channel 3, Input A
3B
10
Input
Channel 3, Input B
4Y
11
Output
Channel 4, Output Y
4A
12
Input
Channel 4, Input A
4B
13
Input
Channel 4, Input B
VCC
14
—
Positive Supply
Thermal Pad(1)
—
The thermal pad can be connected to GND or left floating. Do not connect to any other
signal or supply
1. BQA Package only.
www.ti.com
SN74HCS86
SCLS783B – JANUARY 2020 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com