Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS86D Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74HCS86D
Description  SN74HCS86 Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS86D Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74HCS86D Datasheet HTML 6Page - Texas Instruments SN74HCS86D Datasheet HTML 7Page - Texas Instruments SN74HCS86D Datasheet HTML 8Page - Texas Instruments SN74HCS86D Datasheet HTML 9Page - Texas Instruments SN74HCS86D Datasheet HTML 10Page - Texas Instruments SN74HCS86D Datasheet HTML 11Page - Texas Instruments SN74HCS86D Datasheet HTML 12Page - Texas Instruments SN74HCS86D Datasheet HTML 13Page - Texas Instruments SN74HCS86D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
In this application, a 2-input XOR gate is used as a phase difference detector as shown in Typical application
block diagram. The remaining three gates can be used for other applications in the system, or the inputs can be
grounded and the channels left unused.
The SN74HCS86 is used to identify phase difference between a reference clock and another input clock.
Whenever the clock states are different, the XOR output will pulse HIGH until the clocks return to the same state.
The output is fed into a low-pass filter to obtain a DC representation of the phase difference.
Typically, clock signals have fast transition rates, but additional filtering can be added to the clock signals which
can lead to slower transitions rates. This makes the SN74HCS86 ideal for the application because it has
Schmitt-trigger inputs that do not have input transition rate requirements.
9.2 Typical Application
C
R
Output
Input Clock
Reference Clock
Figure 9-1. Typical application block diagram
9.2.1 Design Requirements
9.2.1.1 Power Considerations
Ensure the desired supply voltage is within the range specified in the Recommended Operating Conditions. The
supply voltage sets the device's electrical characteristics as described in the Electrical Characteristics.
The positive voltage supply must be capable of sourcing current equal to the total current to be sourced by all
outputs of the SN74HCS86 plus the maximum static supply current, ICC, listed in Electrical Characteristics and
any transient current required for switching. The logic device can only source as much current as is provided by
the positive supply source. Be sure not to exceed the maximum total current through VCC listed in the Absolute
Maximum Ratings.
The ground must be capable of sinking current equal to the total current to be sunk by all outputs of the
SN74HCS86 plus the maximum supply current, ICC, listed in Electrical Characteristics, and any transient current
required for switching. The logic device can only sink as much current as can be sunk into its ground connection.
Be sure not to exceed the maximum total current through GND listed in the Absolute Maximum Ratings.
The SN74HCS86 can drive a load with a total capacitance less than or equal to 50 pF while still meeting all of
the datasheet specifications. Larger capacitive loads can be applied, however it is not recommended to exceed
50 pF.
The SN74HCS86 can drive a load with total resistance described by RL ≥ VO / IO, with the output voltage and
current defined in the Electrical Characteristics table with VOH and VOL. When outputting in the high state, the
output voltage in the equation is defined as the difference between the measured output voltage and the supply
voltage at the VCC pin.
Total power consumption can be calculated using the information provided in CMOS Power Consumption and
Cpd Calculation.
SN74HCS86
SCLS783B – JANUARY 2020 – REVISED JANUARY 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74HCS86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com