Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS86DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS86DR
Description  SN74HCS86 Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS86DR Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS86DR Datasheet HTML 1Page - Texas Instruments SN74HCS86DR Datasheet HTML 2Page - Texas Instruments SN74HCS86DR Datasheet HTML 3Page - Texas Instruments SN74HCS86DR Datasheet HTML 4Page - Texas Instruments SN74HCS86DR Datasheet HTML 5Page - Texas Instruments SN74HCS86DR Datasheet HTML 6Page - Texas Instruments SN74HCS86DR Datasheet HTML 7Page - Texas Instruments SN74HCS86DR Datasheet HTML 8Page - Texas Instruments SN74HCS86DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SN74HCS86 Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
1 Features
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
• Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
• Detect phase differences in input signals
• Create a selectable inverter / buffer
3 Description
This device contains four independent 2-input XOR
Gates with Schmitt-trigger inputs. Each gate performs
the Boolean function Y = A
⊕ B in positive logic.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74HCS86PW
TSSOP (14)
5.00 mm × 4.40 mm
SN74HCS86D
SOIC (14)
8.70 mm × 3.90 mm
SN74HCS86BQA
WQFN (14)
3.00 mm × 2.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger inputs
www.ti.com
SN74HCS86
SCLS783B – JANUARY 2020 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN74HCS86
SN74HCS86
SCLS783B – JANUARY 2020 – REVISED JANUARY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HCS86DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS86DR TI1-SN74HCS86DR Datasheet
1Mb / 22P
SN74HCS86 Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
More results

Similar Description - SN74HCS86DR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LV132A DIODES-74LV132A Datasheet
297Kb / 9P
QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
Rev 1
logo
Texas Instruments
SN74HCS86-Q1 TI1-SN74HCS86-Q1 Datasheet
352Kb / 17P
SN74HCS86-Q1 Automotive Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS86-Q1 TI1-SN74HCS86-Q1_V01 Datasheet
391Kb / 18P
SN74HCS86-Q1 Automotive Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS08 TI1-SN74HCS08 Datasheet
330Kb / 18P
SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS86 TI1-SN74HCS86 Datasheet
348Kb / 15P
SN74HCS86 Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS02 TI1-SN74HCS02_V01 Datasheet
993Kb / 22P
SN74HCS02 Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS32 TI1-SN74HCS32_V01 Datasheet
994Kb / 22P
SN74HCS32 Quadruple 2-Input OR Gates with Schmitt-Trigger Inputs
SN74HCS86 TI1-SN74HCS86_V01 Datasheet
1Mb / 22P
SN74HCS86 Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS7266 TI1-SN74HCS7266_V01 Datasheet
1Mb / 22P
SN74HCS7266 Quadruple 2-Input XNOR Gates with Schmitt-Trigger Inputs
SN74HCS86-Q1 TI-SN74HCS86-Q1_V02 Datasheet
1Mb / 27P
SN74HCS86-Q1 Automotive Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com