Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GUVC-S10GD Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # GUVC-S10GD
Description  UV Schottky-type Photodiode Aluminium Gallium Nitride Based Material
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

GUVC-S10GD Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  GUVC-S10GD Datasheet HTML 1Page - Roithner LaserTechnik GmbH GUVC-S10GD Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.roithner-laser.com
1
GUVC-S10GD
 UV Schottky-type Photodiode
 Aluminium Gallium Nitride Based Material
 UVC, 220 – 280 nm
 Photovoltaic Operation Mode
 SMD 3535, 3.5 x 3.5 x 1 mm
Description
GUVC-S10GD is a UVC Photodiode working in the spectral range of 220
– 280 nm. It contains The Aluminium
Gallium Nitride based chip die, housed into SMD 3535 package, is a great solution, as example for pure UVC
monitoring or sterilization lamp monitoring.
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Reverse Voltage
VR
3
V
Forward Current
IOP
1
mA
Optical Source Power Range
POPT
0.1 µ
– 100 m
W/cm2
Operating Temperature
TCASE
-30
– +85
°C
Storage Temperature
TSTG
-40
– +90
°C
Soldering Temperature *
TSLD
260
°C
* must be completed within 10 seconds
Electro-Optical Characteristics
TCASE = 25°C
Parameter
Symbol
Values
Unit
Dark Current (VR=0.1V)
ID
max. 1
nA
Photo Current (UVC Lamp, 1mW/cm2)
IPH
70
– 85
nA
Temperatur Coefficient
ITC
typ. -0.07
%/°C
Responsivity (
λ=254nm, VR=0V)
R
typ. 0.07
A/W
Spectral Detection Range
λ
220
– 280
nm
Active Area
A
0.076
mm2
Rev. 12/2020


Similar Part No. - GUVC-S10GD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GUVC-T10GD ETC-GUVC-T10GD Datasheet
218Kb / 1P
UV-C sensor
logo
Roithner LaserTechnik G...
GUVC-T10GD ROITHNER-GUVC-T10GD Datasheet
130Kb / 2P
UV-A Sensor
logo
List of Unclassifed Man...
GUVC-T10GD-L ETC-GUVC-T10GD-L Datasheet
208Kb / 1P
UV-C sensor
GUVC-T11GC-3LWLO1.1 ETC-GUVC-T11GC-3LWLO1.1 Datasheet
276Kb / 1P
UV-A sensor probe
GUVC-T11GC-4LW11 ETC-GUVC-T11GC-4LW11 Datasheet
291Kb / 1P
UV-C sensor probe
More results

Similar Description - GUVC-S10GD

ManufacturerPart #DatasheetDescription
logo
Luna Innovations Incorp...
SD012-UVA-011 LUNA-SD012-UVA-011 Datasheet
171Kb / 2P
GaN UV Photodiode
SD012-UVB-011 LUNA-SD012-UVB-011 Datasheet
172Kb / 2P
GaN UV Photodiode
logo
Advanced Photonix, Inc.
SD008-2161-112 ADVANCEDPHOTONIX-SD008-2161-112 Datasheet
308Kb / 4P
Schottky-Type Photodiode
SD008-2171-112 ADVANCEDPHOTONIX-SD008-2171-112 Datasheet
299Kb / 4P
Schottky-Type Photodiode
SD012-UVB-011 ADVANCEDPHOTONIX-SD012-UVB-011 Datasheet
399Kb / 2P
GaN UV Photodiode
logo
TE Connectivity Ltd
2176526 TEC-2176526 Datasheet
387Kb / 3P
ALUMINIUM NITRIDE THIN FILM POWER RESISTOR TYPE 3503 SERIES
Rev. A
2176527 TEC-2176527 Datasheet
381Kb / 3P
ALUMINIUM NITRIDE THIN FILM POWER RESISTOR TYPE 3503 SERIES
Rev. A
2176529 TEC-2176529 Datasheet
380Kb / 3P
ALUMINIUM NITRIDE THIN FILM POWER RESISTOR TYPE 3504 SERIES
Rev. A
2176530 TEC-2176530 Datasheet
380Kb / 3P
ALUMINIUM NITRIDE THIN FILM POWER RESISTOR TYPE 3504 SERIES
Rev. A
2176531 TEC-2176531 Datasheet
311Kb / 3P
ALUMINIUM NITRIDE THIN FILM POWER RESISTOR TYPE 3504 SERIES
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com