Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT16827ET Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74FCT16827ET
Description  Fast CMOS 20-Bit Buffers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT16827ET Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74FCT16827ET Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT16827ET Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT16827ET Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT16827ET Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT16827ET Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT16827ET Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT16827ET Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PI74FCT16827T/162827/162H827T
20-BIT BUFFERS
2
PS2041A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Pin Name
Description
xOEx
Output Enable Inputs (Active LOW)
xAx(1)
Data Inputs
xYx
3-State Outputs
Note: 1. For the PI74FCT162H827T, these pins have “Bus
Hold.” All other pins are standard, outputs, or I/Os.
Product Pin Description
Product Pin Configuration
Inputs
Outputs
xOE1
xOE2
xAx
xYx
LLL
L
LL
H
H
HXX
Z
XHX
Z
Truth Table
(1)
1.
H = High Voltage Level
L = Low Voltage Level
X = Don't Care
Z = High Impedance
1
OE1
1
1
Y1
2
1
Y2
3
GND
4
1
Y3
5
1
Y4
6
VCC
7
1
Y5
8
1
Y6
9
1
Y7
10
GND
11
1
Y8
12
1
Y9
13
1
Y10
14
2
Y1
15
2
Y2
16
2
Y3
17
GND
18
2
Y4
19
2
Y5
20
2
Y6
21
VCC
22
2
Y7
23
2
Y8
24
1
OE2
56
1
A1
55
1
A2
54
GND
53
1
A3
52
1
A4
51
VCC
50
1
A5
49
1
A6
48
1
A7
47
GND
46
1
A8
45
1
A9
44
1
A10
43
2
A1
42
2
A2
41
2
A3
40
GND
39
2
A4
38
2
A5
37
2
A6
36
VCC
35
2
A7
34
2
A8
33
GND
25
2
Y9
26
2
Y10
27
2
OE1
28
GND
32
2
A9
31
2
A10
30
2
OE2
29
56-PIN
V56
A56



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com