Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWW0CT10A Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SWW0CT10A
Description  High reliability and High quality of light
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWW0CT10A Datasheet(HTML) 3 Page - Seoul Semiconductor

  SWW0CT10A Datasheet HTML 1Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 2Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 3Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 4Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 5Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 6Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 7Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 8Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Rev1.0, Aug 28, 2019
www.seoulsemicon.com
SWW0CT10A – WICOP-C G2HF
3
Performance Characteristics
Table 1. Electro Optical Characteristics, IF = 1.0A, Ta = 25ºC
Parameter
Symbol
Min
Typ
Max
Unit
Forward Voltage
V
F
-
9.6
10.5
V
Luminous Flux
Φ
V
1125
1170
1250
lm
Color Coordinates
CIE x
0.325
CIE y
0.335
Viewing Angle
2θ
120
deg. [ ˚ ]
Electrical Thermal resistance
Rth JS el
-
1.2
1.5
K / W
Real Thermal resistance
Rth JS real
-
1.6
2.0
K / W
Notes :
[1] All measurements were made under the standardized environment of Seoul semiconductor.
[2] Tolerance : VF :±0.1V, ΦV :±5%, CIEx, CIEy:±0.005.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com