Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWW0CS10B Datasheet(PDF) 15 Page - Seoul Semiconductor

Part # SWW0CS10B
Description  High reliability and High quality of light
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWW0CS10B Datasheet(HTML) 15 Page - Seoul Semiconductor

Back Button SWW0CS10B Datasheet HTML 11Page - Seoul Semiconductor SWW0CS10B Datasheet HTML 12Page - Seoul Semiconductor SWW0CS10B Datasheet HTML 13Page - Seoul Semiconductor SWW0CS10B Datasheet HTML 14Page - Seoul Semiconductor SWW0CS10B Datasheet HTML 15Page - Seoul Semiconductor SWW0CS10B Datasheet HTML 16Page - Seoul Semiconductor SWW0CS10B Datasheet HTML 17Page - Seoul Semiconductor SWW0CS10B Datasheet HTML 18Page - Seoul Semiconductor SWW0CS10B Datasheet HTML 19Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Rev1.0, April 30, 2019
www.seoulsemicon.com
SWW0CS10B – WICOP-C G2HL
15
Reflow Soldering Characteristics
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate (Tsmax to Tp)
3° C/second max.
3° C/second max.
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (Tsmin to Tsmax) (ts)
100 °C
150 °C
60-120 seconds
150 °C
200 °C
60-180 seconds
Time maintained above:
- Temperature (TL)
- Time (tL)
183 °C
60-150 seconds
217 °C
60-150 seconds
Peak Temperature (Tp)
215℃
260℃
Time within 5°C of actual Peak
Temperature (tp)2
10-30 seconds
20-40 seconds
Ramp-down Rate
6 °C/second max.
6 °C/second max.
Time 25°C to Peak Temperature
6 minutes max.
8 minutes max.
IPC/JEDEC J-STD-020
Caution
1.
Reflow soldering is recommended not to be done more than three times. In the case of more
than 24 hours passed soldering after first, LEDs will be damaged.
2.
Repairs should not be done after the LEDs have been soldered. When repair is unavoidable,
suitable tools must be used.
3.
When soldering, do not put stress on the LEDs during heating.
4.
After soldering, do not warp the circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com