Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWW0CD10A Datasheet(PDF) 12 Page - Seoul Semiconductor

Part # SWW0CD10A
Description  High reliability and High quality of light
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWW0CD10A Datasheet(HTML) 12 Page - Seoul Semiconductor

Back Button SWW0CD10A Datasheet HTML 8Page - Seoul Semiconductor SWW0CD10A Datasheet HTML 9Page - Seoul Semiconductor SWW0CD10A Datasheet HTML 10Page - Seoul Semiconductor SWW0CD10A Datasheet HTML 11Page - Seoul Semiconductor SWW0CD10A Datasheet HTML 12Page - Seoul Semiconductor SWW0CD10A Datasheet HTML 13Page - Seoul Semiconductor SWW0CD10A Datasheet HTML 14Page - Seoul Semiconductor SWW0CD10A Datasheet HTML 15Page - Seoul Semiconductor SWW0CD10A Datasheet HTML 16Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Rev1.0, Apr 30, 2019
www.seoulsemicon.com
SWW0CD10A – WICOP-C G2HF
12
Color Bin Structure
Fig 10. Color Coordinate Diagram, Ta = 25℃, IF = 1.0A
RANK
x1
y1
x2
y2
x3
y3
x4
y4
S0
0.3064
0.3114
0.3079
0.2967
0.3130
0.3058
0.3110
0.3196
S1
0.3110
0.3196
0.3130
0.3058
0.3183
0.3154
0.3169
0.3303
S2
0.3169
0.3303
0.3183
0.3154
0.3266
0.3306
0.3261
0.3468
S3
0.3215
0.3386
0.3224
0.3230
0.3310
0.3385
0.3310
0.3556
S4
0.3261
0.3468
0.3266
0.3306
0.3354
0.3465
0.3359
0.3644
0.28
0.29
0.3
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.3
0.305
0.31
0.315
0.32
0.325
0.33
0.335
0.34
Color coordinate X
S3
S4
S2
S0
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com