Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWT802-SB Datasheet(PDF) 16 Page - Seoul Semiconductor

Part # SWT802-SB
Description  Applicable for automotive exterior light
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWT802-SB Datasheet(HTML) 16 Page - Seoul Semiconductor

Back Button SWT802-SB Datasheet HTML 12Page - Seoul Semiconductor SWT802-SB Datasheet HTML 13Page - Seoul Semiconductor SWT802-SB Datasheet HTML 14Page - Seoul Semiconductor SWT802-SB Datasheet HTML 15Page - Seoul Semiconductor SWT802-SB Datasheet HTML 16Page - Seoul Semiconductor SWT802-SB Datasheet HTML 17Page - Seoul Semiconductor SWT802-SB Datasheet HTML 18Page - Seoul Semiconductor SWT802-SB Datasheet HTML 19Page - Seoul Semiconductor SWT802-SB Datasheet HTML 20Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
SWT802-SB
– 802 Series White
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
16
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0, May 1, 2019
Reflow Soldering Characteristics
Caution
(1) Reflow soldering is recommended not to be done more than two times. In the case of more than
24 hours passed soldering after first, LEDs will be damaged.
(2) Repairs should not be done after the LEDs have been soldered. When repair is unavoidable,
suitable tools must be used.
(3) Die slug is to be soldered.
(4) When soldering, do not put stress on the LEDs during heating.
(5) After soldering, do not warp the circuit board.
IPC/JEDEC J-STD-020
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate (Tsmax to Tp)
3° C/second max.
3° C/second max.
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (Tsmin to Tsmax) (ts)
100 °C
150 °C
60-120 seconds
150 °C
200 °C
60-180 seconds
Time maintained above:
- Temperature (TL)
- Time (tL)
183 °C
60-150 seconds
217 °C
60-150 seconds
Peak Temperature (Tp)
215℃
260℃
Time within 5°C of actual Peak
Temperature (tp)2
10-30 seconds
20-40 seconds
Ramp-down Rate
6 °C/second max.
6 °C/second max.
Time 25°C to Peak Temperature
6 minutes max.
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com