Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS100 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TS100
Description  Soldering Iron
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TS100 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TS100 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS100 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS100 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS100 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS100 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS100 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS100 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS100 Datasheet HTML 11Page - List of Unclassifed Manufacturers TS100 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
4.1 TS100 Installation
1. Loosen the tip setscrew, insert the soldering tip connector and
tighten the screw;
2. Connect the ground wire to the ground wire setscrew ;
3. Connect the DC connector to TS100, connect the power cord and turn
on the power accordingly.
4.2 Default Settings
℃
300℃(Default)
200℃(Default)
100℃~400℃(Max)
6
4
Note: If the screen displays "sen-err when it’s plugged, means the soldering iron tip is not properly
fixed, please re-install it properly.
"
O p e r a t i o n
Default temperature unit
Default temperature
Sleep mode temperature
Adjustable temperature range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com