Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTST-C191KGKT Datasheet(PDF) 32 Page - Microchip Technology

Part # LTST-C191KGKT
Description  Gigabit Ethernet Switch Evaluation Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LTST-C191KGKT Datasheet(HTML) 32 Page - Microchip Technology

Back Button LTST-C191KGKT Datasheet HTML 28Page - Microchip Technology LTST-C191KGKT Datasheet HTML 29Page - Microchip Technology LTST-C191KGKT Datasheet HTML 30Page - Microchip Technology LTST-C191KGKT Datasheet HTML 31Page - Microchip Technology LTST-C191KGKT Datasheet HTML 32Page - Microchip Technology LTST-C191KGKT Datasheet HTML 33Page - Microchip Technology LTST-C191KGKT Datasheet HTML 34Page - Microchip Technology LTST-C191KGKT Datasheet HTML 35Page - Microchip Technology LTST-C191KGKT Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
TABLE C-1:
BILL OF MATERIALS
Item Qty
Reference
Description
Populated
Manufacturer
Manufacturer Part Number
1
126 C1, C2, C3, C4, C5, C6, C7, C8, C9, C10,
C11, C12, C13, C14, C15, C16, C18, C20,
C21, C22, C23, C24, C25, C26, C30, C36,
C38, C45, C48, C51, C52, C53, C54, C55,
C56, C57, C58, C59, C60, C61, C63, C64,
C65, C66, C67, C68, C69, C70, C71, C72,
C73, C76, C77, C78, C79, C80, C81, C82,
C83, C84, C88, C89, C90, C91, C92, C93,
C97, C98, C99, C100, C102, C103, C104,
C108, C109, C110, C111, C113, C114, C115,
C116, C118, C119, C120, C121, C122, C123,
C124, C125, C126, C127, C128, C129, C130,
C131, C132, C133, C134, C135, C136, C137,
C138, C139, C140, C141, C142, C143, C144,
C145, C146, C147, C148, C149, C150, C151,
C152, C153, C156, C163, C164, C165, C166,
C169, C170, C171, C174
CAP CER 0.1uF 50V 10% X7R SMD 0402
YES
TDK Corporation
C1005X7R1H104K050BB
2
13
C17, C19, C28, C29, C37, C39, C62, C74,
C85, C86, C96, C117, C162
CAP CER 10uF 6.3V 20% X5R SMD 0603
YES
AVX
06036D106MAT2A
3
2
C27, C94
CAP CER 0.1uF 50V 10% X7R SMD 0402
YES
TDK Corporation
C1005X7R1H104K050BB
4
1
C31
CAP CER 4700pF 16V 10% X7R SMD 0402
YES
Murata Electronics
North America
GRM155R71C472KA01D
5
10
C32, C33, C41, C87, C101, C107, C112,
C154, C155, C173
CAP CER 4.7uF 16V 10% X5R SMD 0603
YES
TDK Corporation
C1608X5R1C475K080AC
6
1
C34
CAP CER 100uF 6.3V 20% X5R SMD 1210
YES
TDK Corporation
C3225X5R0J107M250AC
7
6
C40, C46, C49, C50, C75, C95
CAP CER 1uF 16V 10% X5R SMD 0402
YES
TDK Corporation
C1005X5R1C105K
8
1
C42
CAP CER 33pF 50V 5% NP0 SMD 0603
YES
Cal-Chip
GMC10CG330J50NTLF
9
2
C43, C44
CAP CER 22uF 16V 10% X5R SMD 0805
YES
TDK
C2012X5R1C226K
10
1
C47
CAP CER 10000pF 16V 10% X7R SMD 0402
YES
KEMET
C0402C103K4RACTU
11
2
C105, C172
CAP CER 2.2uF 16V 10% X5R SMD 0603
YES
TDK
C1608X5R1C225K
12
2
C157, C158
CAP CER 22pF 50V 5% NP0 SMD 0402
YES
Murata
GRM1555C1H220JZ01D
13
4
C159, C160, C167, C168
CAP CER 15pF 50V 5% NP0 SMD 0402
YES
Murata
GRM1555C1H150JA01D
14
1
C161
CAP CER 10pF 50V 5% NP0 SMD 0402
YES
Murata
GRM1555C1H100JZ01D
15
2
D1, D2
LED, Bright Green, 0603
YES
Lite-On
LTST-C191KGKT
16
1
D3
DIODE SCHOTTKY 20V 1A SOD523
YES
NXP USA Inc.
PMEG2010AEB,115
17
1
D4
LED, Blue, 0603
YES
Kingbright
APT1608VBC/D
18
1
D5
DIO RECT MMBD914LT1G 1V 10mA 100V SMD SOT-23-3
YES
ON Semiconductor
MMBD914LT1G
19
1
F1
FUSE BRD MNT 4A 125VAC/VDC 2SMD
YES
Littlefuse
0154004.DR
20
1
FB1
FERRITE 2A 600R SMD 0805
YES
TDK Corporation
MPZ2012S601AT000
21
10
FB2, FB3, FB5, FB6, FB7, FB8, FB9, FB10,
FB11, FB12
FERRITE 220R @ 100MHz 2A SMD 0603
YES
Murata Electronics
North America
BLM18EG221SN1D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com