Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMB01 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # DMB01
Description  Timers Multifunction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

DMB01 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  DMB01 Datasheet HTML 1Page - Carlo Gavazzi Holding AG DMB01 Datasheet HTML 2Page - Carlo Gavazzi Holding AG DMB01 Datasheet HTML 3Page - Carlo Gavazzi Holding AG DMB01 Datasheet HTML 4Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications are subject to change without notice (18.06.07)
DMB01, PMB01
Function Op
Delay on operate
The time period begins as
soon as the trigger contact
is closed.
At the end of the set delay
time the relay operates and
doesn't release until the trig-
ger contact is closed again
or the power supply is dis-
connected.
If
the
trigger
contact is closed before the
end of the delay time, the
device resets and a new
time period starts.
Function In
Interval
The relay operates and the
time period begins as soon
as the trigger contact is
closed. The relay releases at
the end of this period or
when the power supply is
disconnected.
The
relay
operates again when the
trigger
contact
is
closed
again. If the trigger contact
is closed before the end of
the delay time, the relay
keeps ON and a new time
period starts.
Function Io
Interval on trigger open
The relay operates and the
time period begins as soon
as the trigger contact is
opened. At the end of the
set delay or when the power
supply is disconnected the
relay
releases.
The
relay
operates again when the
trigger contact is opened
again. If the trigger contact
is opened before the end of
the delay time the relay
keeps ON and a new time
period begins.
Function Id
Double interval
The relay operates and the
time period begins as soon
as the trigger contact is
closed. The relay releases at
the end of this period or
when the power supply is
disconnected.
When the
trigger contact is opened
the relay operates again for
the set delay period. If the
trigger contact is opened
before the end of the first
time period the second one
begins; if the trigger contact
is closed before the end of
the second time period the
relay keeps ON and the first
time period begins again.
Function Dr
Delay on release
The relay operates as soon
as the trigger contact
is
closed.
The
time
period
begins when the trigger con-
tact is opened. The relay
releases at the end of the
set delay time or when the
power supply is disconnect-
ed. The relay operates again
when the input contact is
closed again. If it is closed
before the end of the delay
time the relay keeps ON, a
new time period begins as
soon
as
the
contact
is
opened again.
Function R
Symmetrical recycler, ON-
time period first
The relay operates and the
time period begins as soon
as
the
input
contact
is
closed. After the set delay
period the relay releases for
the same time period. This
sequence
continues
with
equal ON- and OFF-time
periods until the power sup-
ply is interrupted.
Function Rb
Symmetrical recycler,
OFF-time period first
The time period begins as
soon as the input contact is
closed. The relay is OFF
during the set delay period,
after this time it operates for
the same time period. This
sequence
continues
with
equal OFF- and ON-time
periods until power supply is
interrupted.
Supply Specifications
General Specifications
Function and Time Setting
Mode of Operation
Power supply
Overvoltage cat. III
Rated operational voltage
(IEC 60664, IEC 60038)
through terminals:
(DMB01C)
A1, A2
24 VDC ±15% and
(PMB01C)
2, 10
24 to 240 VAC
+10%/-15%, 45 to 65 Hz
(DMB01D)
A1, A2
24 to 240 VAC/DC
(PMB01D)
2, 10
+10%/-15%, 45 to 65 Hz
Voltage interruption
≤ 10 ms
Rated operational power
AC supply
4 VA
DC supply
1.5 W
Power ON delay
≤ 100 ms
Indication for
Power supply ON
LED, green
Output relays ON
LED, yellow
(flashing when timing)
Environment
(EN 60529)
Degree of protection
IP 20
Pollution degree
3 (DMB01), 2 (PMB01)
(IEC 60664)
Operating temperature
-20 to 60°C, R.H. < 95%
Storage temperature
-30 to 80°C, R.H. < 95%
Housing
Dimensions
DMB01
22.5 x 80 x 99.5 mm
PMB01
36 x 80 x 94 mm
Weight
Approx. 130 g
Screw terminals
Tightening torque
Max. 0.5 Nm according to
IEC EN 60947
Approvals
UL, CSA
RINA (DMB01 only)
CE Marking
Yes
EMC
Electromagnetic Compatibility
Immunity
According to EN 61000-6-2
Emission
According to EN 61000-6-3
Timer Specifications
According to EN 61812-1
Upper knob:
Setting of function:
Op - delay on operate
In
- interval
Io
- interval on trigger
open
Id - double interval
Dr - delay on release
R
- symmetrical recycler
(ON first)
Rb - symmetrical recycler
(OFF first)
Centre knob:
Time
setting
on
relative
scale: 1 to 10 with respect
to the chosen range.
Lower knob:
Setting of time range.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com