Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMC01D024 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # PMC01D024
Description  Timers Multifunction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PMC01D024 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  PMC01D024 Datasheet HTML 1Page - Carlo Gavazzi Holding AG PMC01D024 Datasheet HTML 2Page - Carlo Gavazzi Holding AG PMC01D024 Datasheet HTML 3Page - Carlo Gavazzi Holding AG PMC01D024 Datasheet HTML 4Page - Carlo Gavazzi Holding AG PMC01D024 Datasheet HTML 5Page - Carlo Gavazzi Holding AG PMC01D024 Datasheet HTML 6Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Specifications are subject to change without notice (18.06.07)
DMC01, PMC01
Supply Specifications
General Specifications
Power supply
Overvoltage cat. III
Rated operational voltage
(IEC 60664, IEC 60038)
through terminals:
A1, A2 or A1, A3 (DMC01)
B48
24 or 48 VAC ± 15%
45 to 65 Hz
B23
115 or 230 VAC ± 15%
45 to 65 Hz
724
24 VDC ± 20%
2, 10 (PMC01)
024
24 VAC ± 15%,45 to 65 Hz
115
115 VAC ± 15%,45 to 65 Hz
230
230 VAC ± 15%,45 to 65 Hz
724
24 VDC ± 20%
Voltage interruption
≤ 10 ms
Rated operational power
AC supply:
5 VA
DC supply:
2 W
Power ON delay
≤ 100 ms
Reaction time from trigger
Delayed contact(s)
< 10 ms
Instantaneous contcat
< 20 ms
Indication for
Power supply ON
LED, green
Output relays ON
LED, yellow (flashing when
timing)
Environment
(EN 60529)
Degree of protection
IP 20
Pollution degree
3 (DMC01), 2 (PMC01)
(IEC 60664)
Operating temperature
-20 to 60 °C, R.H. < 95%
Storage temperature
-30 to 80 °C, R.H. < 95%
Housing
Dimensions
DMC01C
22.5 x 80 x 99.5 mm
DMC01D
45 x 80 x 99.5 mm
PMC01
36 x 80 x 94 mm
Weight
120 to 260g depending on
model
Screw terminals
(DMC01)
Tightening torque
Max 0.5 Nm according to
IEC EN 60947
Approval
UL, CSA
CE Marking
Yes
EMC
Electromagnetic Compatibility
Immunity
According to EN 61000-6-2
Emission
According to EN 61000-6-3
Timer Specifications
According to EN 61812-1
Function/Range/Time Setting
Adjust the function setting
the DIP switches 1 to 6 as
shown below (1 to 4 for
DMC01Cxxx).
Note 1: DIP switch 5 must
be
kept
ON when
using
PMC01Dxxx.
Note 2: DIP switch 6 does
not have any effect on the
PMC01Cxxx working mode.
To access the DIP switches
open the grey plastic cover
using
a
screwdriver
as
shown below.
Upper knob:
Selection of function:
Op - Delay
on
operate,
manual start
Oa - Delay
on
operate,
automatic and manual
start
In - Interval, manual start
Ia - Interval,
automatic
and manual start
Nr - Interval with no time
reset, manual start
Na - Interval with no time
reset, automatic and
manual start
Dr - Delay on release
Centre knob:
Time
setting
on
relative
scale: 1 to 10 with respect
to the chosen range.
Lower knob:
Setting of time range
External
potentiometer
(DMC01D, PMC01C):
Time
setting
on
relative
scale: 1 to 10 with respect
to the chosen range.
Output Specifications
Output
1 or 2 x SPDT relay
Rated insulation voltage
250 VAC (RMS)
Contact Ratings (AgSnO2)µ
Resistive loads
AC 1
8 A @ 250 VAC
DC 12
5 A @ 24 VDC
Small inductive loads AC 15
2.5 A @ 250 VAC
DC 13
2.5 A @ 24 VDC
Mechanical life
≥ 30 x 106 operations
Electrical life
≥ 105 operations
(at 8 A, 250 V, cos
ϕ = 1)
Operating frequency
< 7200 operations / h
Dielectric strength
Dielectric voltage
2 kVAC (RMS)
Rated impulse withstand volt. 4 kV (1.2/50 µs)
Sensor type selection
ON ON OFF OFF: PNP/NPN sensor,
Open collector
or contact
OFF OFF ON ON:
Namur sensor
Time setting (DMC01D and PMC01C)
ON:
Centre knob on front
OFF:
External trimmer
Second relay
ON:
Instantaneous
OFF:
DPDT
DMC01D,
PMC01C,
PMC01D
DMC01C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com