Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBB02DM24 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # DBB02DM24
Description  Timers True delay on release
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

DBB02DM24 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  DBB02DM24 Datasheet HTML 1Page - Carlo Gavazzi Holding AG DBB02DM24 Datasheet HTML 2Page - Carlo Gavazzi Holding AG DBB02DM24 Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications are subject to change without notice (14.04.20)
DBB02, PBB02
General Specifications
Power ON delay
≤ 200 ms
Power OFF delay
≤ 100 ms
Indication for
Power supply ON
LED, green
Environment
(EN 60529)
Degree of protection
IP 20
Pollution degree
3 (DBB02), 2 (PBB02)
(IEC 60664)
Operating temperature
up to 265 VAC, 135 VDC
0 to 60 °C, R.H. < 95%
from 135 VDC @5A
0 to 45 °C, R.H. < 95%
Storage temperature
-30 to 80 °C, R.H. < 95%
Mode of Operation
Range/Time Setting
Adjust the time range set-
ting the DIP-switches 1 and
2 as shown below.
To access the DIP-switches
open the plastic cover using
a screwdriver as shown
below.
Centre knob:
Time setting on relative
scale: 1 to 10 with respect
to the chosen range.
Operation Diagram
Time range
ON OFF ON ON:
60 to 600 s
ON ON OFF OFF: 0.1 to 1 h
OFF OFF OFF ON:
1 to 10 h
ON
OFF
Housing
Dimensions
DBB02
22.5 x 80 x 99.5 mm
PBB02
36 x 80 x 94 mm
Weight
Approx 130 g
Screw terminals
(DBB02)
Tightening torque
Max 0.5 Nm according to
IEC EN 60947
Approval
UL, CSA
CE Mark
Yes
EMC
Electromagnetic Compatibility
Immunity
According to EN 61000-6-2
Emission
According to EN 61000-6-3
Timer Specifications
According to EN 61812-1
The relay(s) operates as
soon as the power supply is
applied.
When the power supply is
interrupted the time period
starts and, at the expiration
of the set time period, the
relay releases.
If the power supply is
reapplied before the relay
released the time is reset
and the relay remains ON.
The
built-in
non-replace-
able battery (Ni-MH) will be
charged while the power
supply is applied.
Note:
DBB02 and PBB02 should
not be operated by pulses
shorter than 200 ms.
For these purposes the
relays DMB01 or PMB01,
operated by external contact
function, should be used.
The battery test is per-
formed on terminals + and
A2 or 7 and 10.
It is recommended to con-
nect DBB02 and PBB02 to
the power supply for 42 h
before it is put into regular
service in order to compen-
sate for energy losses due
to, for example, a long stor-
age period.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com