Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2-DC3V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # ST2-DC3V
Description  IC DRIVABLE PC BOARD RELAY FOR FIELD LOAD SWITCHING
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ST2-DC3V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  ST2-DC3V Datasheet HTML 1Page - Nais(Matsushita Electric Works) ST2-DC3V Datasheet HTML 2Page - Nais(Matsushita Electric Works) ST2-DC3V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ST
251
4. Influence of adjacent mounting
Sample: ST1-DC24V
5. Max. ambient temperature by operating
power
6. Contact reliability
(1)
(2)
(3)
(1) & (3) relays are energized.
Inter-relay distance, mm
5
101520
–20
–10
0
10
20
Drop-out
Pick-up
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4
10
20
30
40
50
60
70
80
90
100
110
120
Operating power, mW
No load
8 A carrying
250 V AC
0.1
0.2 0.3 0.5 0.7 0.9
0.4 0.6 0.8 1.0
2.0 3.0 5.07.0 9.0
10 A
m = 3.9
η = 16.8×104
ρ
0.95 = 7.7 ×10
4
8 A
m = 3.5
η = 3.3×105
ρ
0.95 = 1.4 ×10
5
No. of operations,
×105
0.1
0.15
0.3
0.4
0.5
1.0
0.2
2.0
3.0
4.0
5.0
1.5
10.0
15.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
95.0
99.0
99.8
99.9
25.0
(%)
ST-Relay
250 V AC cos
ϕ = 1.0
0.33 Hz
.
.
ST relay socket
ST-SS
Solder terminal socket
ST-PS
PC board terminal socket
Specifications
Breakdown voltage
4,000 Vrms Coil/Contacts
2,000 Vrms Contacts/Contacts
Insulation resistance
More than 1,000 M
Ω between terminals
Heat resistance
150
°C (302°F) for 1 hr
Max. continuous current
10 A
Relay insertion life
15 times
DIMENSIONS
mm inch
ST-PS
ST-SS
31.6
1.244
35.4
1.394
16.6
.654
8
1
7
2
6
3
5
4
14.6
.575
16.4
.646
10.16
.400
1.05
.041
0.3
.012
5.5
.217
4
.158
4.3
.169
0.27
.011
10.16
.400
7.62
.300
7.62
.300
31.6
1.244
35.4
1.394
16.6
.654
8
1
7
2
6
3
5
4
14.6
.575
16.4
.646
10.16
.400
2.3
.090
0.3
.012
5.5
.217
4
.158
5.3
.209
0.27
.011
10.16
.400
7.62
.300
7.62
.300
Precautions for use (socket)
1. PC board mounting method
PC board pattern
The terminal configuration is symmetrical
on the left and right, so an arrow mark ;
is stamped on the socket to prevent mis-
insertion. We recommend printing the
same arrow mark ; on the component
mounting side (side opposite from pat-
tern) of the PC board. In this case, the ter-
minal configuration becomes the terminal
nos. noted near the drilling holes.
2. Chassis cutout
Chassis cutting dimensions
2.54
.100
8-1.5 DIA.
8-.060 DIA.
87
6
5
12
3
4
2.54
.100
Contact
terminal
interval
Coil
terminal
interval
15.0
±0.2
.591
±.008
32.5
±0.1
1.280
±.004
If the chassis hole is punched with a
press, set so the release R on the front
side (A side).
The range for chassis thickness is 0.6 to
2.2 mm .024 to .087 inch .
3. Relay mounting and removal
(1) Align the directions of the relay and socket.
Claw for chassis
fastening
Chassis t = 0.6 to 2.2
.024 to .087
Press
A side
Relay
(2) Insert the relay all the way in, so it is secure-
ly in place.
(3) Press the part indicated by A in the B direc-
tion, and fasten by placing the hook on the re-
lay.
(4). When removing the relay, completely re-
lease the hooks on both sides and pull the relay
out.
Hinge
mechanism
Relay case
cross-section
B
(Fastening complete)
(Before fastening)
A
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com