Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAQ23875BBCZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADAQ23875BBCZ
Description  16-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ23875BBCZ Datasheet(HTML) 3 Page - Analog Devices

  ADAQ23875BBCZ Datasheet HTML 1Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 2Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 3Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 4Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 5Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 6Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 7Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 8Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
ADAQ23875
Rev. 0 | Page 3 of 23
SPECIFICATIONS
VDD = 5 V ± 5%, VS+ = 5 V ± 5%, VS− = −1 V± 5%, VS− = 0 V1 (95% of VIN), VIO = 2.375 V to 2.625 V, REFBUF = 4.096 V, sampling
frequency (fS) = 15 MSPS, gain = 2, and all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit2
RESOLUTION
18
Bits
ANALOG INPUT IMPEDANCE, ZIN
VIN = 4.096 V p-p
Single-ended to differential configuration
550
Ω
Differential configuration
1100
Ω
Input Capacitance
IN1+, IN1−
3.3
pF
Differential Input Voltage Range, VIN3
Gain = 2, VIN = 4.096 V p-p
−2.048
+2.048
V
THROUGHPUT
Complete Cycle
66.6
ns
Conversion Time
54
58
63
ns
Acquisition Phase4
tCYC − 39
ns
Throughput Rate5
0.02
15
MSPS
Transient Response6
Full-scale step
52
ns
DC ACCURACY
Single-ended and differential configuration
No Missing Codes
16
Bits
Integral Linearity Error
−1
±0.6
+1
LSB
−12.5
±7.5
+12.5
ppm
Differential Linearity Error
−1
±0.25
+1
LSB
−12.5
±3.125
+12.5
ppm
Transition Noise
0.73
LSBRMS
Gain Error
−0.045
±0.005
+0.045
%FS
Gain Error Drift
−1
±0.05
+1
ppm/°C
Offset Error
−1.5
+1.5
mV
Offset Error Drift
−1.8
±0.25
+1.8
ppm/°C
Common Mode Rejection Ratio
(CMRR), Input Referred
∆VICM/∆VOSDIFF
96
dB
Power Supply Rejection Ratio (PSRR)
Positive
VDD = 4.75 V to 5.25 V
105
dB
VS+ = 4.75 V to 5.25 V, VS− = −1 V
115
dB
Negative
VS+ = +5 V, VS− = −0.75 V to −1.25 V
103
dB
1/f Noise7
Bandwidth = 0.1 Hz to 10 Hz
9
µV p-p
Input Current Noise
f = 100 kHz
1
pA/√Hz
AC ACCURACY8
Single-ended and differential configuration
Dynamic Range
Input frequency (fIN) = 1 kHz, −60 dB input
88
90
dB
Total RMS Noise
91.6
µVRMS
Signal-to-Noise Ratio
fIN = 1 kHz
87.5
89.5
dB
fIN = 100 kHz
88.5
dB
fIN = 400 kHz
88
dB
fIN = 1 MHz
87.5
dB
Signal-to-Noise + Distortion (SINAD)
fIN = 1 kHz
87.3
89
dB
fIN = 100 kHz
88
dB
fIN = 400 kHz
87.5
dB
fIN = 1 MHz
87
dB
Total Harmonic Distortion (THD)
fIN = 1 kHz
−115
dB
fIN = 100 kHz
−111
dB
fIN = 400 kHz
−106
dB
fIN = 1 MHz
−90
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com