Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69201 Datasheet(PDF) 13 Page - Microchip Technology

Part # PD69201
Description  1-Port PSE PoE Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69201 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PD69201 Datasheet HTML 9Page - Microchip Technology PD69201 Datasheet HTML 10Page - Microchip Technology PD69201 Datasheet HTML 11Page - Microchip Technology PD69201 Datasheet HTML 12Page - Microchip Technology PD69201 Datasheet HTML 13Page - Microchip Technology PD69201 Datasheet HTML 14Page - Microchip Technology PD69201 Datasheet HTML 15Page - Microchip Technology PD69201 Datasheet HTML 16Page - Microchip Technology PD69201 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
2.
Electrical Specifications
The following sections describe the electrical specifications of the PD69201 device.
2.1
Absolute Maximum Ratings
The following table lists the absolute maximum ratings for the PD69201. Exceeding these ratings can cause damage
to the device. All voltages are with respect to ground. Currents are marked positive when flowing into a specified
terminal and marked negative when flowing out of a specified terminal. Drv_vaux5 pin should not be forced to any
voltage from external source.
Table 2-1. Absolute Maximum Ratings
Parameter
Rating
Supply input voltage (VMAIN)
–0.3 V to 72 V
LED
–0.3 V to VMAIN + 0.5
Port_Neg pin
–0.3 V to VMAIN + 0.5
VAUX5
–0.3 V to 5.5 V
GND (thermal pad)
–0.3 V to 5.5 V
All other pins
–0.3 V to 5.5 V
Operating ambient temperature range
–40 °C to 85 °C
Maximum junction temperature
150 °C
Storage temperature range
–65 °C to 150 °C
ESD protection at all I/O pins
±2 KV (HBM)
2.2
Recommended Operating Conditions
The following table lists the recommended operating conditions for the PD69201.
Table 2-2. Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Input voltage
VMAIN
32
57
V
Recommended
operating junction
temperature
TJ Operating
125
°C
PD69201
Electrical Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003454D-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com