Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD200 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WD200
Description  DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WD200 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WD200 Datasheet HTML 1Page - List of Unclassifed Manufacturers WD200 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Details
OUTPUT VOLTAGE & CURRENT RATINGS
WD
Model
Input
Output
Output
Input Current
%
Voltage
Voltage
Current
No Load
Full Load
Efficiency
WD501
4.7-9.0VDC
5.0 VDC
1600 mA
15 mA
2130 mA
75
WD502
4.7-9.0VDC
12.0 VDC
666 mA
15 mA
2100 mA
76
WD503
4.7-9.0VDC
15.0 VDC
533 mA
15 mA
2100 mA
76
WD504
4.7-9.0VDC
±12.0 VDC
±333 mA
15 mA
2100 mA
76
WD505
4.7-9.0VDC
±15.0 VDC
±266 mA
15 mA
2100 mA
76
WD506
4.7-9.0VDC
±5.0 VDC
±800 mA
15 mA
2100 mA
76
WD100
9.0-18.0 VDC
3.3 VDC
3000 mA
20 mA
1056 mA
76
WD101
9.0-18.0 VDC
5.0 VDC
2000 mA
30 mA
1100 mA
76
WD102
9.0-18.0 VDC
12.0 VDC
830 mA
30 mA
1065 mA
78
WD103
9.0-18.0 VDC
15.0 VDC
666 mA
30 mA
1065 mA
78
WD104
9.0-18.0 VDC
±12.0 VDC
±415 mA
40 mA
1065 mA
78
WD105
9.0-18.0 VDC
±15.0 VDC
±333 mA
40 mA
1065 mA
78
WD106
9.0-18.0 VDC
±5.0 VDC
±1000 mA
40 mA
1065 mA
78
WD200
18.0-36.0 VDC
3.3 VDC
3000 mA
20 mA
543 mA
76
WD201
18.0-36.0 VDC
5.0 VDC
3000 mA
20 mA
800 mA
78
WD202
18.0-36.0 VDC
12.0 VDC
1250 mA
20 mA
780 mA
80
WD203
18.0-36.0 VDC
15.0 VDC
1000 mA
20 mA
780 mA
80
WD204
18.0-36.0 VDC
±12.0 VDC
±625 mA
30 mA
780 mA
80
WD205
18.0-36.0 VDC
±15.0 VDC
±500 mA
30 mA
780 mA
80
WD206
18.0-36.0 VDC
±5.0 VDC
±1500 mA
30 mA
780 mA
80
WD300
36.0-72.0 VDC
3.3 VDC
3000 mA
15 mA
272 mA
76
WD301
36.0-72.0 VDC
5.0 VDC
3000 mA
10 mA
390 mA
80
WD302
36.0-72.0 VDC
12.0 VDC
1250 mA
10 mA
380 mA
82
WD303
36.0-72.0 VDC
15.0 VDC
1000 mA
10 mA
380 mA
82
WD304
36.0-72.0 VDC
±12.0 VDC
±625 mA
15 mA
380 mA
82
WD305
36.0-72.0 VDC
±15.0 VDC
±500 mA
15 mA
380 mA
82
WD306
36.0-72.0 VDC
±5.0 VDC
±1500 mA
15 mA
380 mA
82
Nominal Input Voltage 5,12, 24 or 48 VDC.
For optional 10 watt version:
Add Suffix ”L” to WD2xx and WD3xx, except models WD200 and WD300.
UL1950 approvals available on 10 watt models only. Add suffix “LU” to models WD1xx, WD2xx or WD3xx.
Not available on WD5xx series.
Notes
SINGLE
DUAL
PIN
OUTPUT
OUTPUT
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
3
+ OUTPUT
+ OUTPUT
4
NO PIN
COMMON
5
- OUTPUT
- OUTPUT
Dimensions in inches (mm)
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xp-iq.com
Holliston, MA 01746 USA
www.XP-iQ.com
22
021-040
8/5/02
11:02 am
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com