Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WD201
Description  DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WD201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WD201 Datasheet HTML 1Page - List of Unclassifed Manufacturers WD201 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/15 Watts
WD Series
2:1 Input Range
•
Isolated Outputs
•
Efficiency to 82%
•
200 kHz Switching Frequency
•
Input
π Filter
•
Fully Regulated Outputs
•
Six-sided Shield
•
Specification
Intelligent Design Quality Product
XPiQ inc.
DC/DC Converters
Input
Input Voltage Range
•
See Table
Input Filter
•
π Network
Output
Voltage Accuracy
•
±1% max
Line Regulation
•
±0.5% max
(Full Input Range)
Load Regulation
•
±1% max
(1/4 Full Load)
Ripple & Noise
•
100mV p-p max
(DC-20MHz)
Temperature
•
±0.05%/°C max
Coefficient
Short Circuit
•
Indefinite
Protection
General
Switching
•
200 kHz
Frequency
Efficiency
•
See Table
Isolation
•
500 VDC
(Input-Output)
(1000 Mohm/80pF)
Environmental
Operating
•
-25°C to +71°C
Temperature
Storage
•
-40°C to 100°C
Temperature
Safety
Safety Approvals
•
UL1950 for LU versions only
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xp-iq.com
Holliston, MA 01746 USA
www.XP-iQ.com
21
021-040
8/5/02
11:02 am
Page 1


Similar Part No. - WD201

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WD201 XPPOWER-WD201 Datasheet
62Kb / 2P
DC-DC Converters
More results

Similar Description - WD201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com