Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC00 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74AC00
Description  Advanced CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74AC00 Datasheet(HTML) 2 Page - Silicon Supplies

  74AC00 Datasheet HTML 1Page - Silicon Supplies 74AC00 Datasheet HTML 2Page - Silicon Supplies 74AC00 Datasheet HTML 3Page - Silicon Supplies 74AC00 Datasheet HTML 4Page - Silicon Supplies 74AC00 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
www.siliconsupplies.com
d
Advanced CMOS Logic – 74AC00
Rev 1.0
19/02/21
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
1A
150
350
2
1B
150
100
3
1Y
480
100
4
2A
660
100
5
2B
990
100
6
2Y
990
350
7
GND
990
540
8
3Y
990
720
9
3A
990
980
10
3B
660
980
11
4Y
480
980
12
4A
150
980
13
4B
100
720
14
VCC
100
540
CONNECT CHIP BACK TO VCC OR FLOAT
Pad Layout and Functions
Logic Diagram
Function Table
INPUTS
OUTPUT
A
B
Y
L
L
H
H
L
H
L
H
H
H
H
L
H = High level (steady state)
L = Low level (steady state)
1A
1B
2A
2B
3A
3B
4A
4B
4
5
9
10
12
13
3
6
8
11
1Y
2Y
3Y
4Y
1
2
Pad 14 = VCC
Pad 7 = GND
1200µm (47.24 mils)
12
11
10
13
14
1
2
3
4
5
6
7
8
9
DIE ID
0,0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com