Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QCS410 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QCS410
Description  Qualcomm짰 QCS410/QCS610 SoCs for IoT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QCS410 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QCS410 Datasheet HTML 1Page - List of Unclassifed Manufacturers QCS410 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
QCS410
QCS610
Technology / Package 11nm LPE, , 12x11.1 mm2 non-PoP
CPU
Kryo 460: 64-bit quad-cores, 2x
Gold (2.2GHz) + 2x Silver (1.8GHz)
Kryo 460: 64-bit Octa-cores, 2x
Gold (2.2GHz) + 6x Silver (1.8GHz)
Memory
2x 16-bit LPDDR4.x 1804MHz
Location
GPS/GLONASS, BeiDou, Galileo
Wired/Wireless
Connectivity
Ethernet RGMII, Integrated 1x1 802.11a/b/g/n/ac, Bluetooth 5.0, FM
PMIC
Qualcomm® PM6150 + Qualcomm® PM6150L
Display
Resolution
2520x1080 60 fps + 1920x1200 60 fps (External)
Interface
1x4 lane DSI DPHY 1.2 support + DP over USB-C (external)
Camera
Performance
21MP (2x ISP/16+16MP), 1080p30
IQ improvement: MCTF, TNR,
sHDR, EIS, Dewarp, Zoom
24MP (2x ISP/16+16MP), 4K30
IQ improvement: MCTF, TNR,
sHDR, EIS, Dewarp, Zoom
Interface
CSI 4+4+4 lane (or 4+4+2+1), DPHY1.2, CPHY 1.0
Video
Decode
1080p90 8-bit: HEVC/VP9
4K30 8-bit: HEVC/VP9
Encode
1080p90 8-bit HEVC
4K30 8-bit HEVC
GPU
Adreno 612 @ up to 845MHz
Audio
Analog
Integrated Qualcomm® WCD9370/ Qualcomm® WCD9341 codec +
Qualcomm® WSA8810/ Qualcomm® WSA8815 speaker amplifier
Playback
Hi-Res/192kHz, Native 44.1kHz, audio on dedicated DSP
Compute DSP
Hexagon DSP with dual Hexagon Vector eXtensions (HVX), 1.1Ghz
Sensor DSP
Hexagon DSP based
Storage
eMMC 5.1, UFS 2.1 Gear3 1-lane, SD 3.0
Peripherals
1x USB3.1 Type-C with Display Port and USB 2.0
QCS410/QCS610 Block Diagram
Features
QCS410/QCS610 Target Applications
To learn more visit: qualcomm.com
z
Dual 14-bit Qualcomm Spectra™ 250L ISP
capable of supporting up to dual sensors.
24 MP @ 30 fps with dual ISPs; each ISP
capable of 16 MP
z
Fabricated using the advanced 11nm FinFET
process for exceptional thermal and power
efficiency
z
Adreno 612 GPU with 64-bit addressing @
up to 845MHz with latest API support
z
Hexagon DSP with dual Hexagon Vector
eXtensions (HVX), 1.1Ghz for running DNN
models and advanced Qualcomm® Neural
Processing Engine SDK support
z
Up to eight Kryo 460 CPU cores optimized
for power and DMIPS
z
Qualcomm AI Engine designed to support
on-device machine learning
z
Low power sensor core helps support
always-on use cases at reduced power levels
z
Supports Ethernet, 802.11a/b/g/n/ac Wi-Fi®
and Bluetooth® 5
z
HW based security designed with features
such as secure boot from hardware root
of trust, trusted execution environment,
hardware crypto engines, storage security,
secure debug and key provisioning
z
Support for Microsoft Azure Machine
Learning and Azure services
z
Worldwide ecosystem of vendors,
customers, developers and embedded
device OEMs with experience in
commercializing our solutions
To learn more visit: qualcomm.com
Product
Qualcomm Part Numbers
QCS 610 SoC
QCS-610-0-PSP806-MT-01-0-AC
QCS 410 SoC
QCS-410-0-PSP806-MT-01-0-AC
PMIC
PM6150, PM6150L
Connectivity
WCN-3980
Qualcomm Spectra, Qualcomm Neural Processing Engine, Qualcomm PM6150. Qualcomm PM6150L, Qualcomm
WCD9370, Qualcomm WCD9341, Qualcomm WSA8810 and Qualcomm WSA8815 are products of Qualcomm
Technologies, Inc. and/or its subsidiaries.
©2020 Qualcomm Technologies, Inc. All Rights Reserved. Qualcomm, Qualcomm Spectra, Kryo, Hexagon and Adreno are
trademarks of Qualcomm Incorporated, registered in the United States and other countries. Other products and brand names
may be trademarks or registered trademarks of their respective owners.
0720A
QCS410 and QCS610 Specifications
• Enterprise Security Cameras
• Dash Cam and Body Cam
• Smart Display, Videoconferencing
• Industrial IoT
• Smart AI Home Security
• Home IP Cameras



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com