Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWWACD07S Datasheet(PDF) 12 Page - Seoul Semiconductor

Part # SWWACD07S
Description  High reliability and High quality of light High-Power LED for Automotive
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWWACD07S Datasheet(HTML) 12 Page - Seoul Semiconductor

Back Button SWWACD07S Datasheet HTML 8Page - Seoul Semiconductor SWWACD07S Datasheet HTML 9Page - Seoul Semiconductor SWWACD07S Datasheet HTML 10Page - Seoul Semiconductor SWWACD07S Datasheet HTML 11Page - Seoul Semiconductor SWWACD07S Datasheet HTML 12Page - Seoul Semiconductor SWWACD07S Datasheet HTML 13Page - Seoul Semiconductor SWWACD07S Datasheet HTML 14Page - Seoul Semiconductor SWWACD07S Datasheet HTML 15Page - Seoul Semiconductor SWWACD07S Datasheet HTML 16Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12
Rev2.1, Aug. 07, 2020
www.seoulsemicon.com
SWWACD07S - WICOP-C
Color Bin Structure
Table 3. Bin Code Description of white color (T
a = 25℃, IF = 0.2A)
Part Number
Luminous Flux [lm]
Color
Coordinate
Forward Voltage [V]
Bin Code
Min.
Max.
Bin Code
Min.
Max.
SWWACD07S
(White)
D0
52
60
Refer to page.13
U1
2.80
3.00
E0
60
69
U2
3.00
3.20
F0
69
79
U3
3.20
3.40
Table 4. Bin Code Description of amber color (T
a = 25℃, IF = 0.2A)
Part Number
Luminous Flux [lm]
Color
Coordinate
Forward Voltage [V]
Bin Code
Min.
Max.
Bin Code
Min.
Max.
SWWACD07S
(Amber)
B0
36
43
Refer to page.13
U1
2.80
3.00
C0
43
52
U2
3.00
3.20
U3
3.20
3.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com