Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWW0Y4QA Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # SWW0Y4QA
Description  High reliability and High quality of light High-Power LED for Automotive
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWW0Y4QA Datasheet(HTML) 4 Page - Seoul Semiconductor

  SWW0Y4QA Datasheet HTML 1Page - Seoul Semiconductor SWW0Y4QA Datasheet HTML 2Page - Seoul Semiconductor SWW0Y4QA Datasheet HTML 3Page - Seoul Semiconductor SWW0Y4QA Datasheet HTML 4Page - Seoul Semiconductor SWW0Y4QA Datasheet HTML 5Page - Seoul Semiconductor SWW0Y4QA Datasheet HTML 6Page - Seoul Semiconductor SWW0Y4QA Datasheet HTML 7Page - Seoul Semiconductor SWW0Y4QA Datasheet HTML 8Page - Seoul Semiconductor SWW0Y4QA Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.seoulsemicon.com
4
Rev0.3, Mar. 07, 2018
SWW0Y4QA
– WICOP-C
Performance Characteristics
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Forward Current (Ta=25℃)
I
F
0.2~2.0
A
Operating Temperature
T
opr
-40~+125
℃
Storage Temperature
T
stg
-40~+125
℃
Junction Temperature
T
j
150
℃
ESD (HBM)
(
R=1.5kΩ, C= 100pF)
Class 3B
(JESD22-A114-E)
[1] All measurements were made under the standardized environment of Seoul semiconductor
Notes :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com