Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWW0Y1XA Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # SWW0Y1XA
Description  Applicable for automotive exterior light WICOP-B 1x1 White
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWW0Y1XA Datasheet(HTML) 4 Page - Seoul Semiconductor

  SWW0Y1XA Datasheet HTML 1Page - Seoul Semiconductor SWW0Y1XA Datasheet HTML 2Page - Seoul Semiconductor SWW0Y1XA Datasheet HTML 3Page - Seoul Semiconductor SWW0Y1XA Datasheet HTML 4Page - Seoul Semiconductor SWW0Y1XA Datasheet HTML 5Page - Seoul Semiconductor SWW0Y1XA Datasheet HTML 6Page - Seoul Semiconductor SWW0Y1XA Datasheet HTML 7Page - Seoul Semiconductor SWW0Y1XA Datasheet HTML 8Page - Seoul Semiconductor SWW0Y1XA Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Rev3.0, Mar. 20, 2018
www.seoulsemicon.com
Product Data Sheet
SWW0Y1XA – WICOP-B WHITE
Performance Characteristics
Parameter
Symbol
Value
Unit
Forward Current (T
a=25℃)
I
F
50 ~ 1,000
mA
Operating Temperature
T
opr
-40 ~ +125
℃
Storage Temperature
T
stg
-40 ~ +125
℃
Junction Temperature
T
j
150
℃
Soldering Temperature
T
sld
Reflow Soldering : 260 ℃ for 10sec.
Hand Soldering : 315 ℃ for 4sec.
ESD (HBM)
(
R=1.5kΩ, C= 100pF)
Class 3B
(JESD22-A114-E)
-
Table 2. Absolute Maximum Ratings
Notes :
[1] LEDs are to be classified in forward voltage groups if requested by Customer. Minimum and maximum values
include all tolerances.
[2] LEDs are to be classified in luminous flux groups. The ratio of the group limits (ΦV,max/ΦV,min) must not
exceed 1,6 including measurement tolerances. Minimum and maximum values include all tolerances.
[3] LEDs are to be classified in color bins if requested by Customer.
Color bins and tolerances are program specific and will be agreed by sample evaluation between SSC and
the customer. The color coordinates of the application have to fulfill ECE /SAE legislation, whereby the
binning range must not exceed 0.02 typically. Minimum and maximum values include all tolerances.
[4] Subject to Human Body Model / JESD22-A114.
[5] Parameter has to be checked by 100% in the production process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com