Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB320S Datasheet(PDF) 1 Page - SHIKUES Electronics

Part # MB320S
Description  3A SURFACE MOUNT SCHOTTKY BRIDGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

MB320S Datasheet(HTML) 1 Page - SHIKUES Electronics

  MB320S Datasheet HTML 1Page - SHIKUES Electronics MB320S Datasheet HTML 2Page - SHIKUES Electronics MB320S Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3A SURFACE MOUNT SCHOTTKY BRIDGE
FEATURES:
Reverse Voltage - 40 to 200 V
Forward Current - 3 A
High Surge Current Capability
Designed for Surface Mount Application
PINNING
PIN
1
2
DESCRIPTION
3
4
Output Cathode(-)
Output Anode(+)
Input Pin(~)
Input Pin(~)
Ratings at 25
ambient temperature unless otherwise specified. Single phase half-wave 60 Hz , resistive or
i nductive load, for capacitive load current derate by 20 %.
°C
Maximum Ratings and Electrical characteristics
Maximum DC Blocking Voltage
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
1)
Typical Junction Capacitance
40
V
28
V
V
3.0
0.5
10
-55 ~ +150
A
A
V
mA
pF
°C
Units
40
Peak Forward Surge Current,8.3ms
Single Half Sine-wave Superimposed
on Rated Load (JEDEC method)
Max Instantaneous Forward Voltage at 3 A
Maximum DC Reverse Current
at Rated DC Reverse Voltage
Operating Junction Temperature Range
MB34S
MB36S
MB38S
MB310S
MB320S
T = 25
°C
a
T =100
°C
a
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Cj
Tj
Symbols
Tstg
Storage Temperature Range
60
42
60
80
56
80
100
100
0.55
0.70
0.85
250
-55 ~ +150
°C
200
140
200
0.95
0.3
5
160
2)
65
Typical Thermal Resistance
RθJA
°C/W
70
80
70
Note: 1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4
×
×
(
×
)copper pad.
1.5" 1.5"
3.81 3.81 cm
MBS Package
1
2
3
4
MECHANICAL DATA
• Case: MBS
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 100mg / 0.0035oz
Maximum Average Forward Rectified Current
100
at T =
°C
c
MB34S THRU MB320S
1 of 3
REV.08


Similar Part No. - MB320S

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MB320S YFWDIODE-MB320S Datasheet
438Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
MB320S YFWDIODE-MB320S Datasheet
501Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Shanghai Leiditech Elec...
MB320S LEIDITECH-MB320S Datasheet
919Kb / 3P
Schottky Mount glass Passivatd Bridge Rectifier
logo
Shanghai Shunye Electro...
MB320S SHUNYE-MB320S Datasheet
648Kb / 2P
3A SURFACE MOUNT SCHOTTKY BRIDGE
More results

Similar Description - MB320S

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
TB34F YFWDIODE-TB34F Datasheet
82Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
TB34S YFWDIODE-TB34S Datasheet
82Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
MB34S-MBS YFWDIODE-MB34S-MBS Datasheet
438Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
TB32S-ABS YFWDIODE-TB32S-ABS Datasheet
420Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
TB34F-ABF YFWDIODE-TB34F-ABF Datasheet
420Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
MB34F YFWDIODE-MB34F Datasheet
495Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
MB34S YFWDIODE-MB34S Datasheet
501Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
TB34S YFWDIODE-TB34S_V01 Datasheet
503Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
logo
SHIKUES Electronics
MB34F SKTECHNOLGY-MB34F Datasheet
278Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com