Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H750 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STM32H750
Description  High-performance value lines
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750 Datasheet(HTML) 3 Page - STMicroelectronics

  STM32H750 Datasheet HTML 1Page - STMicroelectronics STM32H750 Datasheet HTML 2Page - STMicroelectronics STM32H750 Datasheet HTML 3Page - STMicroelectronics STM32H750 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
STM32H730 VALUE LINE BLOCK DIAGRAM
STM32 HIGH-PERFORMANCE VALUE LINES
Product
lines
Core
f
CPU
(MHz)
ID
cache
(KB)
ITCM/
DTCM
(KB)
Flash
memory
(KB)
Total
RAM
(KB)
Graphic
Advanced analog
USB
OTG
Ethernet
Camera
I/F
CAN
Security &
Crypto/Hash
acceleration
Packages
STM32H730
CM7
550 32 + 32
64/ 128
128
564
TFT-LCD
Chrom-ART
Accelerator™
1x 12-bit ADCs (up
to 5 MSPS),
2x 16-bit ADCs (up
to 3.6 MSPS)
2x Opamps,
2x Comparators,
2x 12-bit DACs
1
1
1
1 TTFD
CAN,
2 FDCAN
Hardware
crypto
accelerators,
PCROP1, SFI²,
Secure Access
Mode
LQFP100,
TFBGA1004,
LQFP144,
UFBGA1445,
UFBGA1695,
LQFP176,
UFBGA1763
STM32H750
480
16+16
1060
Chrom-ART
Accelerator™
TFT-LCD JPEG
Codec
3x 16-bit ADCs (3.6
MSPS), 2x Opamps,
2x Comparators,
2x 12-bit DACs
2
1
1
1 TTFD
CAN,
1 FDCAN
LQFP100,
LQFP144,
LQFP176,
UFBGA1763,
TFBGA2404
STM32H7B0
280
1 376
Chrom-GRC™
TFT-LCD JPEG
codec
1
-
LQFP64,
LQFP100,
LQFP144,
UFBGA1695,
LQFP176,
UFBGA1763
1. PCROP: Proprietary Code Read Out Protection (protects part of the Flash memory to execution access only)
2. SFI: Secure Firmware Install. Security service and keys available on standard parts to securely install a Root of Trust (RoT)
3. (0.65 mm pitch)
4. (0.8 mm pitch)
5. (0.5 mm pitch)
119/121/128 I/Os
Unique ID
RTC/AWU
SMPS, LDO, USB and
backup regulators
POR/PDR/PVD/BOR
Internal RC oscillators
32 kHz + 4, 48 & 64 MHz
Clock control
3x PLL
2x watchdogs
(independent and
window)
Cyclic redundancy
check (CRC)
Xtal oscillators
32 kHz + 4 ~48 MHz
Multi-power domains
1x SysTick timer
Digital Temperature sensor
Chrom-ART Accelerator™
Arm®
Cortex® -M7
550 MHz
Cache I/D 32+32 Kbytes
System
AXI and Multi-AHB
bus matrix
4x DMA
True random number
generator (RNG)
JTAG/SW debug/ETM
Memory Protection Unit
(MPU)
ROP, PC-ROP
anti-tamper
Floating point unit
(DP-FPU)
Nested vector
interrupt
controller (NVIC)
Control
10x 16-bit timers
4x 32-bit timers
5x Low-power timer
2x 16-bit motor control
PWM synchronized
AC timer
1x USB 2.0 OTG FS/HS
SPDIF input x4
MDIO slave
6x SPI, 4x I²S, 5x I²C
Connectivity
Camera interface, PSSI
2x SDMMC
3x FDCAN
(Flexible Data rate)
Ethernet MAC 10/100
with IEEE 1588
2x SAI
(Serial audio interface)
1x Low-power UART
DFSDM (8 inputs/4 filters)
SWP
(Single Wire Protocol)
5x USART + 5 UART
LIN, smartcard, IrDA,
modem control
TFT LCD controller
HDMI-CEC
128-Kbyte single-bank
Flash memory
FMC/SRAM/NOR/NAND/
SDRAM
1024-bit + 4-Kbyte
backup SRAM
2x Octo-SPI
560-Kbyte SRAM incl.
Up to 256-Kbyte ITCM RAM
Analog
2 x 16-bit ADC
(up to 3.6 MSPS)
18 channels
2x 12-bit, 2-channel DACs
2x COMP
2x OpAmp
1x 12-bit ADC
(up to 5 MSPS)
12 channels
3DES, AES 256, GCM, CCM
SHA-1, SHA-256, MD5,
HMAC
Crypto/Hash processor
Security services
SFI and SB-SFU



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com