Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN10 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SN10
Description  The superb ILEC Variometer and Audio
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SN10 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SN10 Datasheet HTML 17Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 18Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 19Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 20Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 21Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 22Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 23Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 24Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
ILEC SN10 User Manual
SN10 Flight Pages – Competition Mode
3.7 GPS Page
The GPS page displays current GPS information,
and allows you to mark a point and then navigate
back to this point. Use the Mark Position feature to
mark a thermal, a landing field, or a strong point in a
wave. This page is infrequently used during flight.
Place the cursor on Mark Position and press
ENTER
to mark your position. This saves your current
position as the point GPSmark in the database, and then shows you the distance out
and bearing back to this point. The illustration shows you 2.6 miles out from the point
you marked, and you need to turn right slightly to track 269 degrees back to the point.
WARNING
The GPSmark point is marked in the database as a
landing point. Thus, you can use this Mark Position to
remember the location of a landing field. However, if you
use Mark Position to mark a thermal, remember not to
use this point as a landing field on the Alternates or
Moving Map pages.
When the GPS is operating normally, the small N blinks (we call this the GPS blinker). If
the GPS is searching but not yet navigating, you will see a blinking ?. If no signal is
received from the GPS engine (no power, not plugged in, etc.) you will see a ‘broken
line’ symbol here.
If no input is received from the GPS, the SN10 will give you an alert message
suggesting you check the GPS connection; usually this happens when you forget to
plug in the flight recorder. If the GPS is communicating with the SN10 but is unable to
find your position, you will receive an alert that the GPS is not navigating.
If your GPS fails, you can select GPS: Off at the top of this page, and use the SN10 in
dead-reckoning mode (see the Appendix Using the SN10 without GPS below).
Many GPS units do not provide the number of satellites used or accuracy
measurements. In this case, you will see Accur:
instead of a measure of the
current GPS position accuracy.
Software Version 2.31
Manual Revised 13-Dec-2005
Page 14 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com