Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER3003PR Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # HER3003PR
Description  30.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

HER3003PR Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  HER3003PR Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. HER3003PR Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
TO-247AD/TO-3P
Unit:inch(mm)
※
ThinkiSemi latest&matured process FRD/FRED
※
Low forward voltage drop
※
High current capability
※
Low reverse leakage current
※
Low reverse leakage current
※
High surge current capability
Application
※
Automotive Inverters and Solar Inverters
※
Car Audio Amplifiers and Sound Device Systems
※
Plating Power Supply,Motor Control,UPS and SMPS etc.
Mechanical Data
※
Case: Heatsink TO-247AD/TO-3P Package Outline
※
Epoxy: UL 94V-0rateflame retardant
※
Epoxy: UL 94V 0 rate flame retardant
※
Terminals: Solderable per MIL-STD-202 method 208
※
Polarity: As marked on diode body
※
Mounting position: Any
※
Weight: 6.0 gram approximately
HER3002PR thru HER3012PR
Pb Free Plating Product
HER3002PR thru HER3012PR
Pb
30.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Tandem Polarity
Case
Series
Tandem Polarity
Suffix "PA"
Suffix "PR"
Suffix "PL"
Suffix "PT"
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.11T
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
UNIT
VRRM
200
400
600
800
1000
1200
V
VRMS
140
280
420
560
700
840
V
VDC
200
400
600
800
1000
1200
V
IF(AV)
A
IFSM
A
VF
(Typical)
IR
μA
μA
Trr
nS
CJ
pF
RθJC
℃
/W
TJ,TSTG
℃
Note:(1)Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Note:(2)Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Note:(3)Thermal Resistance junction to case.
Typical Junction Capacitance (Note 2)
150
Typical Thermal Resistance (Note 3)
0.75
Operating Junction and Storage
Temperature Range
-55 to +175
Maximum Reverse Recovery Time (Note1)
PARAMETER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current TC=125℃
(Total Device 2x15.0A=30.0A)
30.0
Peak Forward Surge Current, 8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)(Per Diode/Per Leg)
300
Maximum Instantaneous Forward Voltage
@15.0A(Per Diode/Per Leg)
Maximum DC Reverse Current @TJ=25℃
At Rated DC Blocking Voltage @TJ=125℃
1.0
100
1.30-1.70
HER3003PR
HER3004PR
HER3002PR
HER3006PR
HER3008PR
HER3010PR
HER3012PR
0.85-1.00
1.00-1.30
1.30-1.70
V
35-50
50-75
.199(5.05)
.142(3.6)
.126(3.2)
.030(0.75)
.050(1.25)
.225(5.7)
.225(5.7)
.640(16.25)
.175(4.45)
.125(3.2)
.110(2.8)
.017(0.45)
.045(1.15)
.204(5.2)
.204(5.2)
.095(2.4)
.620(15.75)


Similar Part No. - HER3003PR

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
HER3003PA THINKISEMI-HER3003PA Datasheet
714Kb / 2P
30.0 Ampere Dual Common Cathode High Efficiency Rectifier Diode
HER3003PA THINKISEMI-HER3003PA Datasheet
274Kb / 2P
30.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
HER3003PD THINKISEMI-HER3003PD Datasheet
714Kb / 2P
30.0 Ampere Dual Common Cathode High Efficiency Rectifier Diode
HER3003PL THINKISEMI-HER3003PL Datasheet
275Kb / 2P
30.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
logo
Won-Top Electronics
HER3003PT WTE-HER3003PT Datasheet
50Kb / 3P
30A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
More results

Similar Description - HER3003PR

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
HER2001CD THINKISEMI-HER2001CD Datasheet
622Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
HER2001CTD THINKISEMI-HER2001CTD Datasheet
622Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
HER2001D THINKISEMI-HER2001D Datasheet
622Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
HER2001GD THINKISEMI-HER2001GD Datasheet
621Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
HER1002CR THINKISEMI-HER1002CR Datasheet
259Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
HER1602CR THINKISEMI-HER1602CR Datasheet
263Kb / 2P
16.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
HER2002CR THINKISEMI-HER2002CR Datasheet
260Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
HER2002PR THINKISEMI-HER2002PR Datasheet
273Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
HER4002PR THINKISEMI-HER4002PR Datasheet
278Kb / 2P
40.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
MUR3020CD THINKISEMI-MUR3020CD Datasheet
273Kb / 2P
30.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com