Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5000 Datasheet(PDF) 13 Page - ifm electronic Ltd.

Part # SI5000
Description  Operating instructions Flow monitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IFM [ifm electronic Ltd.]
Direct Link  https://www.ifm.com/
Logo IFM - ifm electronic Ltd.

SI5000 Datasheet(HTML) 13 Page - ifm electronic Ltd.

Back Button SI5000 Datasheet HTML 5Page - ifm electronic Ltd. SI5000 Datasheet HTML 6Page - ifm electronic Ltd. SI5000 Datasheet HTML 7Page - ifm electronic Ltd. SI5000 Datasheet HTML 8Page - ifm electronic Ltd. SI5000 Datasheet HTML 9Page - ifm electronic Ltd. SI5000 Datasheet HTML 10Page - ifm electronic Ltd. SI5000 Datasheet HTML 11Page - ifm electronic Ltd. SI5000 Datasheet HTML 12Page - ifm electronic Ltd. SI5000 Datasheet HTML 13Page - ifm electronic Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
UK
Liquids
Medium temperature [°C] .................................................................................... -25 ... +80
Setting range [cm/s]..................................................................................................3 ... 300
Greatest sensitivity [cm/s] ..........................................................................................3...100
Temperature gradient [K/min] .........................................................................................300
Gases
Medium temperature [°C] .................................................................................... -25 ... +80
Setting range [cm/s]............................................................................................200 ... 3000
Greatest sensitivity [cm/s].....................................................................................200 ... 800
Switch point accuracy [cm/s] ................................................................................± 2...± 102)
Hysteresis [cm/s] ..........................................................................................................2...52)
Repeatability [cm/s] ......................................................................................................1...52)
Temperature drift [cm/s x 1/K].........................................................................................0.13)
Response time [s].......................................................................................................1 ... 10
Pressure resistance [bar]...................................................................................................30
Operating temperature [°C] .................................................................................. -25 ... +80
Protection rating ........................................................................................................... IP 67
Protection class ..................................................................................................................III
Shock resistance [g] .............................................................. 50 (DIN / IEC 68-2-27, 11 ms)
Vibration resistance [g]...................................................20 (DIN / IEC 68-2-6, 55-2000 Hz)
Housing materials......................stainless steel 316L / 1.4404; stainless steel 304 / 1.4301;
PC (Makrolon); PBT-GF 20; EPDM/X (Santoprene)
Materials (wetted parts).......................................................... stainless steel 316L / 1.4404;
O-ring: FPM 8x1.5 gr 80° Shore A
EMC
EN 61000-4-2 ESD: ................................................................................ 4 kV CD / 8 kV AD
EN 61000-4-3 HF radiated: ...................................................................................... 10 V/m
EN 61000-4-4 Burst: ..................................................................................................... 2 kV
EN 61000-4-6 HF conducted: ....................................................................................... 10 V
1)
to EN50178, SELV, PELV;
2)
for water; 5...100 cm/s; 25°C (factory setting)
3)
for water; 5...100 cm/s; 10...70°C
The sensor conforms to the standard EN 61000-6-2
More information at www.ifm.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com