Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD3232VF Datasheet(PDF) 1 Page - Sony Corporation

Part # SLD3232VF
Description  Laser Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD3232VF Datasheet(HTML) 1 Page - Sony Corporation

  SLD3232VF Datasheet HTML 1Page - Sony Corporation SLD3232VF Datasheet HTML 2Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-1-
[ UTZ-SC0156_0 ]
2008/09/04
Laser Diode
Features
• Optical Output Power: 50mW
• Can Type:
φ 5.6 mm with Photo Diode
• Peak Wavelength: 405nm
Absolute Maximum Ratings
(Tc=25
°C)
Item
Symbol
Absolute Maximum
Ratings
Unit
Optical Output Power
Po
50
mW
LD Reverse Voltage
Vr (LD)
2
V
PD Reverse Voltage
Vr (PD)
5.3
V
Storage Temperature
Tstg
-40 ~ 85
°C
Operating Case Temperature
Tc
-10 ~ 80
°C
Initial Electrical/Optical Characteristics
(Tc=25
°C)
Item
Condition
Symbol
Min
Typ.
Max
Unit
Optical Output Power
CW
Po
-
50
-
mW
Peak Wavelength*
Po=5mW
λp
400
405
410
nm
Threshold Current
CW
Ith
-
55
60
mA
Operating Current
Po=50mW
Iop
-
55
65
mA
Slope Efficiency
CW
η
0.9
1.2
1.8
W/A
Operating Voltage
Po=50mW
Vop
-
5.3
5.5
V
θ//
7
9
12
deg.
FWHM Beam
Divergence*
Po=5mW
θ⊥
15
19
23
deg.
Δθ//
-2.0
-
2.0
deg.
Emission
Point
Accuracy
Angle
Po=5mW
Δθ⊥
-2.5
-
2.5
deg.
Monitor Current
Po=50mW
Im
0.2
0.6
1.0
mA
* Measuring specifications
All figures in this specification are measured by sony's method and may contain measurement deviations.
The above specifications are for reference purpose only and subjected to change without prior notice.
http://www.sss ony .com.jp
HEADQUARTERS
491 Oka, Kaminaka-Cho, Anan-Shi, TOKUSHIMA 774-8601, JAPAN
PHONE: +81-884-22-2311
FAX: +81-884-21-0148
CONTACT
TOKYO SALES OFFICE
13F Tamachi Center Building 34-7, Shiba 5-Chome, Minato-Ku, TOKYO 108-0014, JAPAN
PHONE: +81-3-3456-3108
FAX: +81-3-5440-7330
Outline Dimension
Unit (mm)
( ) are reference figures
Pin Connection
X+
(0.4)
(90°
)
5.6
12
3
Y+
Φ 2.0±0.2
Φ 3.55±0.1
3×
Φ 0.45±0.1
Φ 4.2±0.2
1.0±0.1
Emitting Point
Z+
Emitting Point
Reference Plane
Φ
SLD3232VF


Similar Part No. - SLD3232VF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLD3233VF ETC2-SLD3233VF Datasheet
54Kb / 2P
High-Power Blue-Violet Laser Diode for Blu-ray Discs
logo
Roithner LaserTechnik G...
SLD3235VF ROITHNER-SLD3235VF Datasheet
490Kb / 3P
Violet Laser Diode
SLD3236VF ROITHNER-SLD3236VF Datasheet
490Kb / 3P
Violet Laser Diode
logo
Sony Corporation
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
High Power Density 1W Laser Diode
SLD323V-1 SONY-SLD323V-1 Datasheet
68Kb / 7P
High Power Density 1W Laser Diode
More results

Similar Description - SLD3232VF

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDVA416T NICHIA-NDVA416T Datasheet
185Kb / 3P
Laser Diode
NUB206E NICHIA-NUB206E_16 Datasheet
212Kb / 2P
Laser Diode
logo
Renesas Technology Corp
NDL7001L RENESAS-NDL7001L Datasheet
188Kb / 10P
LASER DIODE
1995
NDL7103 RENESAS-NDL7103 Datasheet
177Kb / 8P
LASER DIODE
1995
NDL7163 RENESAS-NDL7163 Datasheet
178Kb / 8P
LASER DIODE
1995
NDL7400P RENESAS-NDL7400P Datasheet
188Kb / 10P
LASER DIODE
1996
NDL7514P RENESAS-NDL7514P Datasheet
198Kb / 10P
LASER DIODE
1995
NDL7515P RENESAS-NDL7515P Datasheet
190Kb / 10P
LASER DIODE
1996
NDL7540PA RENESAS-NDL7540PA Datasheet
195Kb / 10P
LASER DIODE
1995
NDL7563P RENESAS-NDL7563P Datasheet
195Kb / 10P
LASER DIODE
1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com