Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAM2012L5B Datasheet(PDF) 3 Page - ON Semiconductor

Part # NFAM2012L5B
Description  Intelligent Power Module (IPM) 1200 V, 20 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAM2012L5B Datasheet(HTML) 3 Page - ON Semiconductor

  NFAM2012L5B Datasheet HTML 1Page - ON Semiconductor NFAM2012L5B Datasheet HTML 2Page - ON Semiconductor NFAM2012L5B Datasheet HTML 3Page - ON Semiconductor NFAM2012L5B Datasheet HTML 4Page - ON Semiconductor NFAM2012L5B Datasheet HTML 5Page - ON Semiconductor NFAM2012L5B Datasheet HTML 6Page - ON Semiconductor NFAM2012L5B Datasheet HTML 7Page - ON Semiconductor NFAM2012L5B Datasheet HTML 8Page - ON Semiconductor NFAM2012L5B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NFAM2012L5B
www.onsemi.com
3
Figure 3. Equivalent Block Diagram
HIN(U) (6)
HVIC 1
VDD(UH) (4)
VB(U) (3)
VS(U) (1)
LIN(V) (22)
VTS (20)
LIN(U) (21)
N.C (38)
U (36)
P (37)
V (35)
W (34)
NU (33)
NV (32)
NW (31)
VS
HIN
VDD
VB
VSS
HOUT
HIN(V) (12)
HVIC 2
VDD(VH) (10)
VB(V) (9)
VS(V) (7)
VS
HIN
VDD
VB
VSS
HOUT
HIN(W) (18)
HVIC 3
VDD(WH) (16)
VB(W) (15)
VS(W) (13)
VS
HIN
VDD
VB
VSS
HOUT
LVIC
OUT(U)
OUT(V)
OUT(W)
LIN(W) (23)
VFO (24)
CFOD (25)
CIN (26)
VSS (27)
VDD(L) (28)
VTS
LIN(U)
LIN(V)
LIN(W)
VFO
CFOD
CIN
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com