Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD5000LPLX Datasheet(PDF) 1 Page - Western Digital Corporation or its affiliates.

Part # WD5000LPLX
Description  WD Black 2.5-inch PC Hard Drives are designed for enthusiasts and creative professionals looking for leading-edge performance.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

WD5000LPLX Datasheet(HTML) 1 Page - Western Digital Corporation or its affiliates.

  WD5000LPLX Datasheet HTML 1Page - Western Digital Corporation or its affiliates. WD5000LPLX Datasheet HTML 2Page - Western Digital Corporation or its affiliates.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WD Black 2.5-inch PC Hard Drives are designed for enthusiasts
and creative professionals looking for leading-edge performance.
These 2.5-inch PC Hard Drives are perfect for high-performance
applications like photo and video editing, gaming, and power
PCs.
Great Things Come in Small Packages
WD Black 2.5-inch PC Hard Drives are designed to enhance your PC experience, whether
at home in your new all-in-one desktop, or on-the-go in your trusty notebook. With
up to 1TB of storage running at 7200 RPM, you get an extremely fast high-capacity
mobile hard drive, offering the perfect storage solution for a digital artist, video editor,
photographer, or gamer. Backed by an industry leading 5-year limited warranty, WD
Black 2.5-inch Hard Drives combine performance and capacity with the reliability of a
brand you can trust.
For Creative Professionals
Give yourself the room to bring your enormous digital portfolio wherever you’re at with
WD Black 2.5-inch PC Hard Drives. With up to 1TB of 7200 RPM-Class high-performance
storage, WD Black 2.5-inch Hard Drives give you the power to create while on the go, so
you can offload, edit, and shoot without fear of running out of space anytime soon.
For Gamers
WD Black 2.5-inch PC Hard Drives offer the perfect storage solution for your gaming rig.
WD Black 2.5-inch Hard Drives are purpose-built and tested to ensure they can handle
the high-performance tasks you need. With up to 1TB of capacity, you get the space you
need for your game’s downloadable content, large cache sizes for fast load times, and
7200 RPM-Class drive for desktop-level performance.
Industry Leading Warranty
WD Black™ 2.5-inch PC Hard Drives are tested under more strenuous conditions over a
longer period when compared to our standard hard drives. This comprehensive testing
ensures an overall quality benchmark for a stable, high performance storage solution
backed by an industry leading 5-year limited warranty.
DATA SHEET
2.5-INCH PC HARD DRIVES
WD Black™
INTERFACE
SATA 6 Gb/s
FORM FACTOR
2.5-inch
PERFORMANCE CLASS
7200 RPM-Class
CAPACITIES
250GB to 1TB
MODEL NUMBERS
WD10SPSX
WD5000LPSX
WD5000LPLX
WD3200LPLX
WD2500LPLX
THE WESTERN DIGITAL ADVANTAGE
Western Digital puts our products through extensive
Functional Integrity Testing (F.I.T.) prior to any
product launch. This testing ensures our products
consistently meet the quality and reliability standards
of the Western Digital brand. WD also has a detailed
Knowledge Base with more than 1,000 helpful articles
as well as helpful software and utilities. Our toll-free
customer support lines are here to help or you can
access our WD Support site for additional details.
Highlights
• Specifically designed for small form factor PC’s,
laptops, and Mac computers
• Performance 2.5-inch hard drives available up to
1TB capacities
• Designed for creative professionals, gamers, and
system builders
• An industry-leading 5-year limited warranty


Similar Part No. - WD5000LPLX

ManufacturerPart #DatasheetDescription
logo
Western Digital Corpora...
WD5000LPCX WESTERN-WD5000LPCX Datasheet
625Kb / 3P
WD Blue™ PC Hard Drives
May 2017
WD5000LPVX WESTERN-WD5000LPVX Datasheet
625Kb / 3P
WD Blue™ PC Hard Drives
May 2017
WD5000LPZX WESTERN-WD5000LPZX Datasheet
594Kb / 2P
WD™ Blue 2.5-inch PC HDD
November 2021
More results

Similar Description - WD5000LPLX

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9120-56 ICST-ICS9120-56 Datasheet
79Kb / 5P
Frequency Timing Generator for EtherNet & Hard Drives
Rev A 040697
logo
List of Unclassifed Man...
5K1000 ETC2-5K1000 Datasheet
676Kb / 2P
2.5-Inch Mobile 5400 RPM 9.5mm Hard Disk Drives
C7K1000 ETC2-C7K1000 Datasheet
513Kb / 2P
2.5-Inch SFF Enterprise Hard Disk Drives
Z7K500 ETC2-Z7K500 Datasheet
514Kb / 2P
2.5-INCH MOBILE 7200 RPM 7MM HARD DISK DRIVES
logo
Advanced Micro Devices
MI25 AMD-MI25 Datasheet
1Mb / 3P
Industry Leading Performance for Deep Learning1
logo
Western Digital Corpora...
WD60PURX WESTERN-WD60PURX Datasheet
576Kb / 2P
WD Purple??Surveillance Hard Drives
logo
Advantech Co., Ltd.
96ND2TB-ST-WD5K ADVANTECH-96ND2TB-ST-WD5K Datasheet
202Kb / 1P
WD 2.5
April 6 2015
logo
Western Digital Corpora...
WD4002FYYZ WESTERN-WD4002FYYZ Datasheet
382Kb / 2P
WD Gold™ Enterprise-class Hard Drives
August 2017
WD5000BEVT WESTERN-WD5000BEVT Datasheet
388Kb / 4P
WD Scorpio® Blue™ Mobile Hard Drives
Dec 2011
WD10JPVX WESTERN-WD10JPVX Datasheet
625Kb / 3P
WD Blue™ PC Hard Drives
May 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com