Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD10JQLX Datasheet(PDF) 2 Page - Western Digital Corporation or its affiliates.

Part # WD10JQLX
Description  WD Black 2.5-inch PC Hard Drives are designed for enthusiasts and creative professionals looking for leading-edge performance.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

WD10JQLX Datasheet(HTML) 2 Page - Western Digital Corporation or its affiliates.

  WD10JQLX Datasheet HTML 1Page - Western Digital Corporation or its affiliates. WD10JQLX Datasheet HTML 2Page - Western Digital Corporation or its affiliates.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2879-771435-A10 January 2020
© 2018 Western Digital Corporation or its affiliates. All rights reserved. Produced 4/18. Rev. 7/18. Western
Digital, the Western Digital Logo, and WD Black are registered trademarks or trademarks of Western Digital
Corporation or its affiliates in the U.S. and/or other countries. All other marks are the property of their respec-
tive owners. Pictures shown may vary from actual products. Product specifications subject to change without
notice.
5601 Great Oaks Parkway
San Jose, CA 95119, USA
US (Toll-Free): 800.801.4618
International: 408.717.6000
www.westerndigital.com
Specifications
DATA SHEET
2.5-INCH PC HARD DRIVES
WD Black™
Specifications subject to change without notice.
1 As used for storage capacity, one megabyte (MB) = one million bytes, one gigabyte (GB) = one billion bytes, and
one terabyte (TB) = one trillion bytes. Total accessible capacity varies depending on operating environment. As used
for buffer or cache, one megabyte (MB) = 1,048,576 bytes. As used for transfer rate or interface, megabyte per sec-
ond (MB/s) = one million bytes per second, and gigabit per second (Gb/s) = one billion bits per second. Effective
maximum SATA 3 Gb/s transfer rate calculated according to the Serial ATA specification published by the SATA-IO
organization as of the date of this specification sheet. Visit www.sata-io.org for details.
² Not all products may be available in all regions of the world.
3 WD hard drive products manufactured and sold worldwide after June 8, 2011, meet or exceed Restriction of Hazard-
ous Substances (RoHS) compliance requirements as mandated by the RoHS Directive 2011/65/EU.
4 Controlled unload at ambient condition.
5 See http://support.wdc.com/warranty for regional specific warranty details.
⁶ Power measurements at room-ambient temperature.
⁷ No non-recoverable errors during operating tests or after non-operating tests.
⁸ Sound power level.
1TB
500GB
500GB
320GB
250GB
Model Number²
WD10SPSX
WD5000LPSX
WD5000LPLX
WD3200LPLX
WD2500LPLX
Interface
SATA 6 Gb/s
SATA 6 Gb/s
SATA 6 Gb/s
SATA 6 Gb/s
SATA 6 Gb/s
Formatted capacity¹
1,000,204MB
500,107MB
500,107MB
320,072MB
250,059MB
User sectors per drive
1,953,525,168
976,773,168
976,773,168
625,142,448
488,397,168
Form factor
2.5-inch
2.5-inch
2.5-inch
2.5-inch
2.5-inch
Advanced Format (AF)
Yes
Yes
Yes
Yes
Yes
RoHS compliant³
Yes
Yes
Yes
Yes
Yes
Performance
Data transfer rate (max)²
Interface Speed
6 Gb/s
6 Gb/s
6 Gb/s
6 Gb/s
6 Gb/s
Cache (MB)¹
64
64
32
32
32
Performance Class
7200 RPM
7200 RPM
7200 RPM
7200 RPM
7200 RPM
Average Drive Ready Time (sec)
3.8
3.8
3.8
3.8
3.8
Reliability/Data Integrity
Load/unload cycles⁴
600,000
600,000
600,000
600,000
600,000
Non-recoverable read errors per
bits read
<1 in 1014
<1 in 1014
<1 in 1014
<1 in 1014
<1 in 1014
Limited warranty (years)⁵
5
5
5
5
5
Power Management6
5VDC ±10% (A, peak)
Average power requirements (W)
Read/Write
Idle
Standby and Sleep
1.1
2.0
0.85
0.25
1.1
2.0
0.85
0.25
1.07
2.0
0.85
0.25
1.07
2.0
.85
.25
1.07
2.0
0.85
0.25
Environmental Specifications⁷
Temperature (°C)
Operating
Non-operating
0 to 65
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
Acoustics (dBA)⁸
Idle
Seek (average)
24
25
24
25
23
35
23
25
23
25
Physical Dimensions
Height (in./mm, max)
0.28/7.0
0.28/7.0
0.28/7.0
0.28/7.0
0.28/7.0
Length (in./mm, max)
3.94/100.20
3.94/100.20
3.94/100.20
3.94/100.20
3.94/100.20
Width (in./mm, ± .01 in.)
2.75/69.85
2.75/69.85
2.75/69.85
2.75/69.85
2.75/69.85
Weight (lb/kg , ± 10%)
0.20/0.092
0.20/0.092
0.20/0.092
0.20/0.092
0.20/0.092
CAN ICES-3 (B) / NMB-3 (B)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com