Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMC-A100-R00J1 Datasheet(PDF) 12 Page - Broadcom Corporation.

Part # HSMC-A100-R00J1
Description  PLCC-2, Surface Mount LED Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMC-A100-R00J1 Datasheet(HTML) 12 Page - Broadcom Corporation.

Back Button HSMC-A100-R00J1 Datasheet HTML 8Page - Broadcom Corporation. HSMC-A100-R00J1 Datasheet HTML 9Page - Broadcom Corporation. HSMC-A100-R00J1 Datasheet HTML 10Page - Broadcom Corporation. HSMC-A100-R00J1 Datasheet HTML 11Page - Broadcom Corporation. HSMC-A100-R00J1 Datasheet HTML 12Page - Broadcom Corporation. HSMC-A100-R00J1 Datasheet HTML 13Page - Broadcom Corporation. HSMC-A100-R00J1 Datasheet HTML 14Page - Broadcom Corporation. HSMC-A100-R00J1 Datasheet HTML 15Page - Broadcom Corporation. HSMC-A100-R00J1 Datasheet HTML 16Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
HSMx-A10x-xxxxx Data Sheet
PLCC-2, Surface Mount LED Indicator
Broadcom
AV02-0198EN
12
Intensity Bin Select (X5X6)
Individual reel will contain parts from one half bin only.
Intensity Bin Limits
Tolerance of each bin limit = ±12%
X5
Min. IV Bin
X6
0
Full Distribution
2
2 half bins starting from X51
3
3 half bins starting from X51
4
4 half bins starting from X51
5
5 half bins starting from X51
6
2 half bins starting from X52
7
3 half bins starting from X52
8
4 half bins starting from X52
9
5 half bins starting from X52
Bin ID
Min. (mcd)
Max. (mcd)
G1
1.80
2.24
G2
2.24
2.80
H1
2.80
3.55
H2
3.55
4.50
J1
4.50
5.60
J2
5.60
7.20
K1
7.20
9.00
K2
9.00
11.20
L1
11.20
14.00
L2
14.00
18.00
M1
18.00
22.40
M2
22.40
28.50
N1
28.50
35.50
N2
35.50
45.00
P1
45.00
56.00
P2
56.00
71.50
Q1
71.50
90.00
Q2
90.00
112.50
R1
112.50
140.00
R2
140.00
180.00
S1
180.00
224.00
S2
224.00
285.00
T1
285.00
355.00
T2
355.00
450.00
U1
450.00
560.00
U2
560.00
715.00
V1
715.00
900.00
V2
900.00
1125.00
W1
1125.00
1400.00
W2
1400.00
1800.00
X1
1800.00
2240.00
X2
2240.00
2850.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com