Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-ED25-RUT00 Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # HLMP-ED25-RUT00
Description  Precision Optical Performance AlInGaP II LED Lamps
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HLMP-ED25-RUT00 Datasheet(HTML) 5 Page - Broadcom Corporation.

  HLMP-ED25-RUT00 Datasheet HTML 1Page - Broadcom Corporation. HLMP-ED25-RUT00 Datasheet HTML 2Page - Broadcom Corporation. HLMP-ED25-RUT00 Datasheet HTML 3Page - Broadcom Corporation. HLMP-ED25-RUT00 Datasheet HTML 4Page - Broadcom Corporation. HLMP-ED25-RUT00 Datasheet HTML 5Page - Broadcom Corporation. HLMP-ED25-RUT00 Datasheet HTML 6Page - Broadcom Corporation. HLMP-ED25-RUT00 Datasheet HTML 7Page - Broadcom Corporation. HLMP-ED25-RUT00 Datasheet HTML 8Page - Broadcom Corporation. HLMP-ED25-RUT00 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
HLMP- x x xx - x x x xx
Mechanical Options
00: Bulk Packaging
DD: Ammo Pack
YY: Flexi-Bin, Bulk Packaging
ZZ: Flexi-Bin; Ammo Pack
Color Bin & VF Selections
0: No color bin limitation
4: Amber color bin 4 only
K: Amber color bins 2 and 4 only
L: Color bins 4 and 6
R: Amber color bins 1, 2, 4, and 6 with VF max of 2.6 V
S: Amber color bins 2 and 4 with VF max of 2.6 V
T: Red color with VF max of 2.6 V
U: Amber color bin 4 with VF max of 2.6 V
W: Color bins 2, 4 and 6 with VF max of 2.6 V
Y: Color bins 4 and 6 with VF max of 2.6 V
Maximum Intensity Bin
0: No Iv bin limitation
Minimum Intensity Bin
Viewing Angle and Lead Standoffs
16: 15 degree without lead standoffs
18: 15 degree with lead standoffs
25: 23 degree without lead standoffs
27: 23 degree with lead standoffs
31: 30 degree without lead standoffs
33: 30 degree with lead standoffs
Color
D: 630 nm Red
H: 617 nm Red-Orange
L: 592 nm Amber
Package
E: 5 mm Round
Part Numbering System
Note: Please refer to AB 5337 for complete information on part numbering system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com