Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMN-A100-R8YJ1 Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # HSMN-A100-R8YJ1
Description  PLCC-2, Surface Mount LED Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMN-A100-R8YJ1 Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button HSMN-A100-R8YJ1 Datasheet HTML 6Page - Broadcom Corporation. HSMN-A100-R8YJ1 Datasheet HTML 7Page - Broadcom Corporation. HSMN-A100-R8YJ1 Datasheet HTML 8Page - Broadcom Corporation. HSMN-A100-R8YJ1 Datasheet HTML 9Page - Broadcom Corporation. HSMN-A100-R8YJ1 Datasheet HTML 10Page - Broadcom Corporation. HSMN-A100-R8YJ1 Datasheet HTML 11Page - Broadcom Corporation. HSMN-A100-R8YJ1 Datasheet HTML 12Page - Broadcom Corporation. HSMN-A100-R8YJ1 Datasheet HTML 13Page - Broadcom Corporation. HSMN-A100-R8YJ1 Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Broadcom
AV02-0198EN
10
HSMx-A10x-xxxxx Data Sheet
PLCC-2, Surface Mount LED Indicator
Figure 10: Tape Leader and Trailer Dimensions
Figure 11: Tape Dimensions
200 mm MIN. FOR Ø180 REEL.
200 mm MIN. FOR Ø330 REEL.
R
E
D
A
E
L
T
N
E
N
O
P
M
O
C
R
E
L
I
A
R
T
480 mm MIN. FOR Ø180 REEL.
960 mm MIN. FOR Ø330 REEL.
C
A
USER FEED DIRECTION
C
A
4 ±0.1
4 ±0.1
2 ±0.05
3.05 ±0.1
3.5 ±0.05
8
+0.3
–0.1
1.75 ±0.1
3.81 ±0.1
2.29 ±0.1
0.229 ±0.01
8°
Ø 1.5
+0.1
–0
Ø1
+0.1
–0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com