Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPR-1W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPR-1W
Description  1W 3KVDC Isolated Single Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPR-1W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPR-1W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPR-1W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPR-1W Datasheet HTML 3Page - Toppower Electronic Technology Limited TPR-1W Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPR-1W Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 2 of 4
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40°C to 85°C
1
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN (voltage variation +/-5%)
1.2
%/%
Load Regulation(10% load to rated load)
TPRXX03S-1W, TPRXX03S-1W,TPRXX05S-1W,TPRXX09S-1W
13
%
Load Regulation(10% load to rated load)
TPR0512S-1W/1212S-1W
7
%
Load Regulation(10% load to rated load)
TPR0515S-1W/1215S-1W
7
%
Load Regulation(10% load to rated load)
24V input variants
7
%
Load Regulation(10% load to rated load)
24V input variants
3
%
Load Regulation(10% load to rated load)
24V input variants
3
%
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Internal power dissipation
540mW
Input voltage Vin, TPR03 variants
5.5V
Input voltage Vin, TPR05 variants
7V
Input voltage Vin, TPR12 variants
15V
Input voltage Vin, TPR15 variants
18V
Input voltage Vin, TPR24 variants
28V
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
GENERAL CHARACTERISTICS
Parameter
Conditions
Typ.
Max.
Units
Switching frequency
3.3V input
120
kHz
Switching frequency
5V input
120
kHz
Switching frequency
12V input
160
kHz
Switching frequency
15V input
90
kHz
Switching frequency
24V input
90
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
Derating if the temperature ≥85°C
-40
105
℃
Storage
-50
130
℃
Case Temperature above ambient
5V output types
35
℃
Case Temperature above ambient
All other output types
30
℃
Cooling
Free air convection
TOLERANCE ENVELOPES
Typical Lo
ad Line
10 25
50
75
100
-5%
0%
-2.5%
NOM
V
+4.5%
+7%
Output Load Current(%)
+2%
TPR2405S-1W
+2%
Output Load Current(%)
+5%
V
NOM
-1%
+1%
-3%
100
75
50
25
10
Typical Lo
ad Line
TPR2412S-1W,TPR2415S-1W
+5%
Typical Lo
ad Line
10 25
50
75
100
-7.5%
+2.5%
-2.5%
NOM
V
+9%
Output Load Current(%)
其它产品
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com