Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2000SB Datasheet(PDF) 2 Page - Shenzhen Saite Microelectronics Co., LTD

Part # P2000SB
Description  THYRISTOR SURGE SUPPRESSORS TSS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHY [Shenzhen Saite Microelectronics Co., LTD]
Direct Link  http://www.p-h-y.com
Logo PHY - Shenzhen Saite Microelectronics Co., LTD

P2000SB Datasheet(HTML) 2 Page - Shenzhen Saite Microelectronics Co., LTD

  P2000SB Datasheet HTML 1Page - Shenzhen Saite Microelectronics Co., LTD P2000SB Datasheet HTML 2Page - Shenzhen Saite Microelectronics Co., LTD P2000SB Datasheet HTML 3Page - Shenzhen Saite Microelectronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VDRM
@IDRM=5 A
VS
@100V/ S
VT
@IT=2.2A
IS
IT
IH
C0
@1MHz
V max
V max
mA max
A max
mA min
pF min
pF max
6
25
4
800
2.2
50
25
150
25
40
4
800
2.2
50
15
140
58
77
4
800
2.2
150
40
60
65
88
4
800
2.2
150
35
60
75
98
4
800
2.2
150
25
55
90
130
4
800
2.2
150
30
50
120
160
4
800
2.2
150
25
45
140
180
4
800
2.2
150
25
40
170
220
4
800
2.2
150
25
35
180
220
4
800
2.2
150
20
35
190
260
4
800
2.2
150
25
35
220
300
4
800
2.2
150
20
35
275
350
4
800
2.2
150
20
35
320
400
4
800
2.2
150
20
35
360
460
4
800
2.2
150
20
35
400
540
4
800
2.2
150
20
35
440
600
4
800
2.2
150
20
35
Notes:
- Absolute maximum ratings measured at TA= 25 C (unless otherwise noted).
- Devices are bi-directional.
Part
Number
V min
P0080SB
P0300SB
P0640SB
P0720SB
P0900SB
P1100SB
P1300SB
P1500SB
P1800SB
P2000SB
P2300SB
P2600SB
P3100SB
P3500SB
P4000SB
P4500SB
P5000SB
P0080SB THRU P5000SB
THYRISTOR SURGE SUPPRESSORS TSS
2 of 3
Web Site: www.p-h-y.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com