Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2DF Datasheet(PDF) 1 Page - SHIKUES Electronics

Part # S2DF
Description  Surface Mount General Purpose Silicon Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

S2DF Datasheet(HTML) 1 Page - SHIKUES Electronics

  S2DF Datasheet HTML 1Page - SHIKUES Electronics S2DF Datasheet HTML 2Page - SHIKUES Electronics S2DF Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Maximum Instantaneous Forward Voltage at 2 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum Average Forward Rectified Current
at Ta = 65
°C
Maximum DC Reverse Current
Ta = 25
°C
at Rated DC Blocking Voltage
Ta =125
°C
1)
Typical Junction Capacitance
2)
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
2
60
1.1
5
50
30
50
-55 ~ +150
A
A
V
μA
pF
°C
S2AF
S2BF
S2DF
S2GF
S2JF
S2KF
S2MF
Typical Thermal Resistance
RθJA
Measured at 1 MHz and applied reverse voltage of 4 V D.C
1)
°C/W
Cj
T , T
j
stg
Symbols
Units
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Top View
Marking Code:S2A-S2M
Simplified outline SMAF L and symbol
1
2
S2AF THRU S2MF
Surface Mount General Purpose Silicon Rectifiers
FEATURES
• For surface mounted applications
• Low profile package
• Glass Passivated Chip Juntion
• Easy to pick and place
• Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
• Case: SMAF
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 27mg 0.00086oz
Maximum Ratings and Electrical characteristics
Ratings at 25°C ambient temperature unless otherwise specified.Single phase half
current derate by 20 %.
Surface Mount General Purpose Silicon Rectifiers
Lead free in comply with EU RoHS 2011/65/EU directives
750, Method 2026
aracteristics
C ambient temperature unless otherwise specified.Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load
wave 60 Hz, resistive or inductive load, for capacitive load
Forward Current -2A
Reverse Voltage -50 to 1000V
1 of 3
REV.08
2
)Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, P.C.B. mounted
resistance from junction to ambient at 0.375" (9.5 mm) lead length, P.C.B. mounted


Similar Part No. - S2DF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
S2DF KEXIN-S2DF Datasheet
1Mb / 3P
Rectifier Diodes
logo
Microdiode Semiconducto...
S2DF CHENDA-S2DF Datasheet
626Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S2DF YFWDIODE-S2DF Datasheet
116Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Guangdong Juxing Electr...
S2DF JUXING-S2DF Datasheet
843Kb / 3P
Surface Mount Standard Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S2DF YFWDIODE-S2DF Datasheet
417Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results

Similar Description - S2DF

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
logo
Shanghai Yint Electroni...
S3AC YINT-S3AC Datasheet
495Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S3AB YINT-S3AB Datasheet
494Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S2ABF YINT-S2ABF Datasheet
498Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
G801DS YFWDIODE-G801DS Datasheet
486Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Dongguan Pingjingsemi T...
M1-PJ PJSEMI-M1-PJ Datasheet
902Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S2AF-PJ PJSEMI-S2AF-PJ Datasheet
561Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
S3ABF-PJ PJSEMI-S3ABF-PJ Datasheet
693Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
M1F YFWDIODE-M1F Datasheet
472Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
SHIKUES Electronics
S2ABF SKTECHNOLGY-S2ABF Datasheet
439Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com