Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5154 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N5154
Description  NPN POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5154 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N5154 Datasheet HTML 1Page - Microsemi Corporation 2N5154 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N5152, 2N5154 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
Forward Current Transfer Ratio
IC = 50 mAdc, VCE = 5 Vdc
2N5152
2N5154
IC = 2.5 Adc, VCE = 5 Vdc
2N5152
2N5154
IC = 5 Adc, VCE = 5 Vdc
2N5152
2N5154
hFE
20
50
30
70
20
40
90
200
Collector-Emitter Saturation Voltage
VCE = 5 Vdc, IC = 2.5 Adc
IC = 5 Adc, IB = 500 Adc
VCE(sat)
0.75
1.5
Vdc
Base-Emitter Voltage non-saturated
IC = 2.5 Adc, IB = 250 mAdc
IC = 5 Adc, IB = 500 mAdc
VBE
1.45
Vdc
Base-Emitter Saturation Voltage
IC = 2.5 Adc, IB = 250 mAdc
IC = 5 Adc, IB = 500 mAdc
VBE(sat)
1.45
2.2
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal
Short Circuit Forward-Current Transfer Ratio
IC = 500 mAdc, VCE = 5 Vdc, f = 10 MHz
2N5152
2N5154
h
fe
6
7
Small-Signal Short Circuit Forward-Current
Transfer Ratio
IC = 100 mAdc, VCE = 5 Vdc, f = 1 kHz
2N5152
2N5154
hfe
20
50
Output Capacitance
VCB = 10 Vdc, IE = 0, f = 1.0 MHz
Cobo
250
pF
SWITCHING CHARACTERISTICS
Turn-On Time
IC = 5 Adc, IB1= 500 mAdc
ton
0.5
µs
Turn-Off Time
RL = 6
Ω
toff
1.5
µs
Storage Time
IB2= -500 mAdc
ts
1.4
µs
Fall Time
V BE(OFF) = 3.7 Vdc
tf
0.5
µs
SAFE OPERATING AREA
DC Tests
TC = +25
0C, 1 Cycle, t p= 1.0 s
Test 1
VCE = 5.8Vdc, IC = 2.0 Adc
Test 2
VCE = 32 Vdc, IC = 340 mAdc
Test 3
VCE = 80 Vdc, IC = 20 mAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com