Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA09 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESDA09
Description  Rated peak single pulse transient current Capacitance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ESDA09 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ESDA09 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA09 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA09 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA09 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA09 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ESD
1. Electrical Specification
1-1 Test condition
Varistor voltage
In = 1 mA DC
Leakage current
Vdc = 9 V DC
Maximum clamping voltage
Ic = 1 A
Rated peak single pulse transient current
8 / 20 ㎲ waveform, +/- each 1 time induce
Capacitance
10/1000 ㎲ waveform
Insulation resistance after reflow soldering
f = 1MHz, Vrms = 0.5 V
Reflow soldering condition
Soldering paste : Tamura (Japan) RMA-20-21L
Stencil : SUS, 120 ㎛ thickness
Pad size : 0.8 (Width) x 0.9 (Length)
0.8 (Distance between pads)
Soldering profile : 260±5 ℃, 5 sec.
1-2 Electrical specification
Maximum allowable continuous DC voltage
9
V
trigger voltage / Varistor voltage / breakdown voltage
25
V
Maximum clamping voltage
50
V
Maximum
Rated peak single pulse transient current
1
A
Maximum
Nonlinearity coefficient
> 12
Leakage current at continuous DC voltage
< 0.1
㎂
Response time
< 0.5
ns
Varistor voltage temperature coefficient
<
0.05
%/℃
Capacitance measured at 1MHz
3
pF
Typical
Capacitance tolerance
-50 to +80
%
Insulation resistance after reflow soldering on PCB
>
10
MΩ
Operating ambient temperature
-55 to +125
℃
Storage temperature
-55 to +125
℃
ESDA09
Rev :
www.leiditech.com
01.06.2015
1/5


Similar Part No. - ESDA09

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESDA0905CT6 LEIDITECH-ESDA0905CT6 Datasheet
178Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY FOR QUADRI PROTECTION
More results

Similar Description - ESDA09

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3.0SMCJ PANJIT-3.0SMCJ_09 Datasheet
153Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
3KP PANJIT-3KP_09 Datasheet
86Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
Shanghai Leiditech Elec...
ESDA12 LEIDITECH-ESDA12 Datasheet
351Kb / 5P
Rated peak single pulse transient current Capacitance
ESDA24 LEIDITECH-ESDA24 Datasheet
583Kb / 5P
Rated peak single pulse transient current
MVR0402-5R5E0R2 LEIDITECH-MVR0402-5R5E0R2 Datasheet
739Kb / 5P
Rated peak single pulse transient current Capacitance
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
logo
Shanghai Leiditech Elec...
PESD0521L010 LEIDITECH-PESD0521L010 Datasheet
919Kb / 5P
Rated peak single pulse transient current
PESD0563L003 LEIDITECH-PESD0563L003 Datasheet
512Kb / 5P
Rated peak single pulse transient current Capacitance
PESD0742L016 LEIDITECH-PESD0742L016 Datasheet
971Kb / 5P
Rated peak single pulse transient current Capacitance
0603ESDA-24 LEIDITECH-0603ESDA-24 Datasheet
193Kb / 5P
Rated peak single pulse transient current Capacitance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com