Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMS2S2AT Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # FSMS2S2AT
Description  Proximity Magnetic Sensors Cylindrical Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

FSMS2S2AT Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  FSMS2S2AT Datasheet HTML 1Page - Carlo Gavazzi Holding AG FSMS2S2AT Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (01.04.14)
1
Operating distance
See Operating Distance
table
Suitable magnetic unit
See Operating Distance
table
Operating temperature
FSMA2, FSMA7, FSMS2
-25 to +75 °C
FSMS2S2AT
-20 to +150°C
Degree of protection
IP 67
Housing
Diameter
FSMA2, FSMA7, FSMS2
M12 x 1
FSMS2S2AT
M16 x 1
Material
FSMA2, FSMA7, FSMS2
Nickel-plated brass
FSMS2S2AT
Brass
CE-marking
Yes
General Specifications
Type Selection
Proximity Magnetic Sensors
Cylindrical Housing
FSM Series
• Cylindrical, brass or nickel plated brass
housing
• M12 or M16 diameter
• NO or CO output functions
• Front side switching
Ordering Key
FSM S 2 S2 AT
The
cylindrical
proximity
magnetic
sensors
of
the
FSM series are available in
different versions with brass
or nickel-plated brass hous-
ing,
different
dimensions
and output contacts. They
can be mounted directly on
ferromagnetic supports as
well;
in
this
situation
a
reduction in the operating
distance may occur due to a
loss
of
magnetic
field.
FSMA7 model is provided
with output function status
LED, while FSMS2S2AT can
resist to temperature up to
150 °C.
Product Description
Type
Output function
Reed contact type
Special version
Special applications
Output
FSMA2, FSMA7
NO
FSMS2,FSMS2S2AT
Change-over
Contact ratings
Max Switching Voltage
FSMA2
250 VAC
FSMA7
24 VDC
FSMS2, FSMS2S2AT
230 VAC
Max Switching Current
FSMA2
3 A
FSMA7
50 mA
FSMS2
1 A
FSMS2S2AT
0,5 A
Max Switching Power
FSMA2
100 VA
FSMA7
negligible
FSMS2
60 VA
FSMS2S2AT
30 VA
Output Specifications
Housing diameter
Connection
Output function
Reference
M12
PVC cable L= 2m
NO
FSM A 2
M12
Silicone cable L= 2m
NO
FSM A 7
M12
PVC cable L= 2m
CO
FSM S 2
M16
Silicone cable L= 0.5m
CO
FSM S 2 S2 AT
Diameters are specified in millimeters (mm)


Similar Part No. - FSMS2S2AT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FSMSM MACOM-FSMSM Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
logo
TE Connectivity Ltd
FSMSMTR TEC-FSMSMTR Datasheet
2Mb / 30P
Switches Core Program
More results

Similar Description - FSMS2S2AT

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
FSLPA7 CARLOGAVAZZI-FSLPA7 Datasheet
44Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FSA2S32MT CARLOGAVAZZI-FSA2S32MT Datasheet
73Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMPA7S1 CARLOGAVAZZI-FMPA7S1 Datasheet
52Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing FMP Series
FMMPA7L25 CARLOGAVAZZI-FMMPA7L25 Datasheet
40Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMMA3 CARLOGAVAZZI-FMMA3 Datasheet
46Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMC3S1 CARLOGAVAZZI-FMC3S1 Datasheet
64Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
SMSA2M02 CARLOGAVAZZI-SMSA2M02 Datasheet
119Kb / 3P
Safety Magnetic Sensors Cylindrical Safety Magnetic Sensors
SB2S5 CARLOGAVAZZI-SB2S5 Datasheet
55Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
MSA1 CARLOGAVAZZI-MSA1 Datasheet
54Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
MMA3 CARLOGAVAZZI-MMA3 Datasheet
54Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com