Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSLPB2 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # FSLPB2
Description  Proximity Magnetic Sensors Cylindrical Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

FSLPB2 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  FSLPB2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG FSLPB2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (12.10.10)
1
Operating distance
See Operating Distance
table
Suitable magnetic unit
See Operating Distance
table
Operating temperature
-30 to +80 °C
Degree of protection
IP 67
Housing
Dimensions
Ø16 mm
Material
Plastic
Modular guide
External dimensions
200 x 20 x 10 mm
CE-marking
Yes
General Specifications
Type Selection
Proximity Magnetic Sensors
Cylindrical Housing
FSLP Series
• Cylindrical plastic housing
• Ø16 diameter
• NO and bistable output functions
• Mounting kit provided
• Front and side switching
Ordering Key
FSLP A 7
The FSLP magnetic sensors
are characterized by high
sensibility
switching
con-
tacts, that allow good front
and
side
switching
dis-
tances.
Every single sensor is pro-
vided with a mounting kit
consisting of a guide, a
mobile
support
(that
can
move on the guide) and two
grommets to fix the sensor
to the mobile support. Plas-
tic housing and NO (Normal-
ly Open) or Bistable output
function
complete
their
basic features.
Product Description
Type
Output function
Reed contact type
Output
FSLPA7
NO
FSLPB2
Bistable
Contact ratings
Max Switching Voltage
FSLPA7
100 VAC
FSLPB2
250 VAC
Max Switching Current
FSLPA7
0.4 A
FSLPB2
3 A
Max Switching Power
FSLPA7
10 VA
FSLPB2
120 VA
Dielectric strength
FSLPA7
200 VDC
FSLPB2
800 VDC
Insulation resistance between
contacts
FSLPA7
>109
Ω
Operating poles
FSLPA7
N and S
FSLPB2
Contact closed by N and
open by S
Output Specifications
Housing diameter
Connection
Output function
Reference
Ø16
PVC cable L= 2m
NO
FSLP A 7
Ø16
PVC cable L= 2m
Bistable
FSLP B 2
Diameters are specified in millimeters (mm)


Similar Part No. - FSLPB2

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
FSL ILLINOISCAPACITOR-FSL Datasheet
229Kb / 2P
High reliability - High voltage ??Long life
logo
Gamewell-FCI by Honeywe...
FSL-E3 GAMEWELL-FCI-FSL-E3 Datasheet
123Kb / 1P
Fiber Loop Modules
FSL-E3 GAMEWELL-FCI-FSL-E3 Datasheet
52Kb / 1P
Network Repeater
FSL-E3 GAMEWELL-FCI-FSL-E3 Datasheet
142Kb / 4P
Small Addressable Fire Alarm Control Panel
logo
List of Unclassifed Man...
FSL-ZB-SNF ETC2-FSL-ZB-SNF Datasheet
21Kb / 2P
FSL-ZB-SNF Information
More results

Similar Description - FSLPB2

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
FSMS2S2AT CARLOGAVAZZI-FSMS2S2AT Datasheet
64Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FSA2S32MT CARLOGAVAZZI-FSA2S32MT Datasheet
73Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMPA7S1 CARLOGAVAZZI-FMPA7S1 Datasheet
52Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing FMP Series
FMMPA7L25 CARLOGAVAZZI-FMMPA7L25 Datasheet
40Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMMA3 CARLOGAVAZZI-FMMA3 Datasheet
46Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMC3S1 CARLOGAVAZZI-FMC3S1 Datasheet
64Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
SMSA2M02 CARLOGAVAZZI-SMSA2M02 Datasheet
119Kb / 3P
Safety Magnetic Sensors Cylindrical Safety Magnetic Sensors
SB2S5 CARLOGAVAZZI-SB2S5 Datasheet
55Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
MSA1 CARLOGAVAZZI-MSA1 Datasheet
54Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
MMA3 CARLOGAVAZZI-MMA3 Datasheet
54Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com