Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSC2 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # FSC2
Description  Proximity Magnetic Sensors Cylindrical Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

FSC2 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  FSC2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG FSC2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice (11.10.10)
FS Series
Operating Distance
Magnetic units
CL10
CL11
CL18
CL20S1
CL20S3
CL23
CL31
FSA2, FSA8, FSS2
-9
-
8
7
7
12
FSC2, FSC8
-
12/0.5*
-7
6
3
12/0.5*
FSA2S32MT, FSS2S12MT,
FSA2S42MT, FSS2S42MT
-9
-
8
7
7
12
FSB22MT
11
30
11
29
27
20
32
Distances are specified in millimeters (mm)
xx/xx: operating distance (for all Output functions); xx/xx*: reswitching contact distance.
Outside the above mentioned range, the sensor mantains the initial state
Wiring Diagrams
Housing
Diameter
FSA2, FSA8, FSC2,
FSC8, FSS2
Ø 13.5 mm
FSA2S32MT, FSS2S12MT
M10 x 1.25 mm
FSA2S42MT, FSS2S42MT
M12 x 1 mm
FSB22MT
M16 x 1.5 mm
Material
FSA2, FSA8, FSC2, FSC8,
FSS2, FSB22MT
Plastic
FSA2S32MT, FSS2S12MT,
FSA2S42MT, FSS2S42MT
Brass
CE-marking
Yes
Output function Bistable
black
blue
Output function NC
Output function NO
Output function CO
black
blue
blue
yellow
black
blue
brown
black
blue
Dimensions
FSA2S42MT
FSS2S42MT
FSA2S32MT
FSS2S12MT
FSA2 FSA8 FSS2 FSC2 FSC8
FSB22MT
Ø 3.5
Ø 13.5
65
25.5
M18 x 1.5
32.5
20
51
3
M16 x 1.5
M12 x 1
95
85
85
M10 x 1.25
Operating distance
See Operating Distance
table
Suitable magnetic unit
See Operating Distance
table
Operating temperature
-25 to +75 °C
Degree of protection
IP 67
General Specifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com