Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAA01 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # FAA01
Description  Timers Delay on Operate Types FAA01, FAA08
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

FAA01 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  FAA01 Datasheet HTML 1Page - Carlo Gavazzi Holding AG FAA01 Datasheet HTML 2Page - Carlo Gavazzi Holding AG FAA01 Datasheet HTML 3Page - Carlo Gavazzi Holding AG FAA01 Datasheet HTML 4Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications are subject to change without notice (21.03.08)
FAA01, FAA08
Function and Time Setting
Mode of Operation
Function Op
Delay on operate
The set delay period begins
as soon as the power supply
is connected. At the end of
the set delay the relay oper-
ates
and
doesn’t
release
until the power supply is
interrupted for at least 100
ms.
Function R
Symmetrical recycler
(ON first)
The relay operates and the
time period start as soon as
the power is applied. At the
end of the first set time peri-
od, the relay releases. At the
end of the second time peri-
od (equal to the first), the
relay operates again. This
sequence
continues
with
equal ON- and OFF- time
periods until the power sup-
ply is interrupted for at least
100 ms.
Function In
Interval
The relay operates and the
time period begins as soon
as the power is applied. The
relay releases at the end of
the time period or when the
power supply is disconnect-
ed for at least 100 ms.
Function Sh
One shot
The time period begins as
soon as the power supply is
connected and at the end of
this period the relay operates
for 1s.
Indication for
Power supply On
LED, green
Output ON
LED, yellow
(flashing when timing)
Environment
Degree of protection
IP 50
(front panel)
Operating temperature
-10 to +55 °C, R.H. < 85%
Storage temperature
-10 to +55 °C, R.H. < 85%
Housing
Dimensions
48 x 48 mm
Material
PA66
Weight
Approx. 95 g
Approvals
UL, CSA
CE marking
Yes
EMC
Electromagnetic Compatibillity
Immunity
According to EN 61000-6-2
Emission
According to EN 61000-6-3
Timer specifications
According to EN 61812-1
General Specifications
Lower left knob:
Setting of function
Op - delay on operate
R - simmetrical recycler
In - interval
Sh - one shot
Lower right knob:
Time unit selector
0.1sec (0.1 seconds)
sec
(seconds)
10sec (10 seconds)
min
(minutes)
10m
(10 minutes)
hrs
(hours)
10h
(10 hours)
Upper right knob:
Time range selector
12 or 30
Centre knob:
Time setting on absolute
scale
Power Supply
Overvoltage cat II
Rated operational voltage
(IEC 60947-1)
through terminals:
(FAA01DW24)
2, 10
12 to 240 VDC + 10% - 15%
12 to 240 VAC + 10% -15%,
45 to 65 Hz
(FAA08DW24)
2, 7
12 to 240 VDC + 10% - 15%
12 to 240 VAC + 10% -15%,
45 to 65 Hz
Power consumption
Rated operational power
AC
3 VA
DC
1.5 W
Supply Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com