Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB22MT Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # FSB22MT
Description  Proximity Magnetic Sensors Cylindrical Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

FSB22MT Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  FSB22MT Datasheet HTML 1Page - Carlo Gavazzi Holding AG FSB22MT Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (11.10.10)
1
Type Selection
Proximity Magnetic Sensors
Cylindrical Housing
FS Series
• Cylindrical, plastic or brass housing
• M10, M12, M16 or Ø 13.5 diameter
• NO, NC, CO or bistable output functions
• Front side switching
Ordering Key
FS A 2 S3 2MT
The sensors of the FS series
have
different
dimensions
and output contacts with
output connection in PVC
cable. They are available in
several versions with plastic
or brass housing.
The models can be mounted
directly
on
ferromagnetic
supports as well; in this situ-
ation
a
reduction
in
the
operating
distance
may
occur due to a loss of mag-
netic field.
Product Description
Type
Output function
Reed contact type
Special version
Cable length
Output
FSA2, FSA8,
FSA2S32MT, FSA2S42MT
NO
FSC2, FSC8
NC
FSS2, FSS2S12MT,
FSS2S42MT
Change-over
FSB22MT
Bistable
Contact ratings
Max Switching Voltage
FSA2, FSC2, FSB22MT,
FSA2S32MT, FSA2S42MT
250 VAC
FSA8, FSC8
1500 VAC
FSS2, FSS2S42MT,
FSS2S12MT
230 VAC
Max Switching Current
FSA2, FSC2, FSB22MT,
FSA2S32MT, FSA2S42MT
3 A
FSA8, FSC8
3 A
FSS2, FSS2S42MT,
FSS2S12MT
1 A
Output Specifications
Housing diameter
Connection
Output function
Reference
Ø 13.5
PVC cable L= 0.5m
NO
FS A 2
Ø 13.5
PVC cable L= 0.5m
NO
FS A 8
Ø 13.5
PVC cable L= 0.5m
NC
FS C 2
Ø 13.5
PVC cable L= 0.5m
NC
FS C 8
Ø 13.5
PVC cable L= 0.5m
CO
FS S 2
M10
PVC cable L= 2 m
NO
FS A 2 S3 2MT
M10
PVC cable L= 2 m
CO
FS S 2 S1 2MT
M12
PVC cable L= 2 m
NO
FS A 2 S4 2MT
M12
PVC cable L= 2 m
CO
FS S 2 S4 2MT
M16
PVC cable L= 2 m
Bistable
FS B 2 2MT
Diameters are specified in millimeters (mm)
Contact ratings (cont.)
Max Switching Power
FSA2, FSC2, FSB22MT,
FSA2S32MT, FSA2S42MT
100 VA
FSA8, FSC8
120 VA
FSS2, FSS2S42MT,
FSS2S12MT
60 VA


Similar Part No. - FSB22MT

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FSB200 DEC-FSB200 Datasheet
233Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
logo
Diotec Semiconductor
FSB200 DIOTEC-FSB200 Datasheet
46Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
FSB201 DEC-FSB201 Datasheet
233Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
logo
Diotec Semiconductor
FSB201 DIOTEC-FSB201 Datasheet
46Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
FSB202 DEC-FSB202 Datasheet
233Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - FSB22MT

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
FSMS2S2AT CARLOGAVAZZI-FSMS2S2AT Datasheet
64Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FSLPA7 CARLOGAVAZZI-FSLPA7 Datasheet
44Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMPA7S1 CARLOGAVAZZI-FMPA7S1 Datasheet
52Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing FMP Series
FMMPA7L25 CARLOGAVAZZI-FMMPA7L25 Datasheet
40Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMMA3 CARLOGAVAZZI-FMMA3 Datasheet
46Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMC3S1 CARLOGAVAZZI-FMC3S1 Datasheet
64Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
SMSA2M02 CARLOGAVAZZI-SMSA2M02 Datasheet
119Kb / 3P
Safety Magnetic Sensors Cylindrical Safety Magnetic Sensors
SB2S5 CARLOGAVAZZI-SB2S5 Datasheet
55Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
MSA1 CARLOGAVAZZI-MSA1 Datasheet
54Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
MMA3 CARLOGAVAZZI-MMA3 Datasheet
54Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com