Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7802 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC7802
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC7802 Datasheet HTML 17Page - Analog Devices LTC7802 Datasheet HTML 18Page - Analog Devices LTC7802 Datasheet HTML 19Page - Analog Devices LTC7802 Datasheet HTML 20Page - Analog Devices LTC7802 Datasheet HTML 21Page - Analog Devices LTC7802 Datasheet HTML 22Page - Analog Devices LTC7802 Datasheet HTML 23Page - Analog Devices LTC7802 Datasheet HTML 24Page - Analog Devices LTC7802 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LTC7802
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 7. Using the TRACK/SS Pin for Tracking
(6b) Ratiometric Tracking
(6a) Coincident Tracking
7802 F07a
VX(MASTER)
VOUT(SLAVE)
TIME
7802 F07b
VX(MASTER)
VOUT(SLAVE)
TIME
7802 F08
LTC7802
VFB
TRACK/SS1,2
RB
RA
VOUT
RTRACKB
RTRACKA
VX
Soft-Start and Tracking (TRACK/SS Pins)
The start-up of each VOUT is controlled by the voltage on
the TRACK/SS pin (TRACK/SS1 for channel 1, TRACK/
SS2 for channel 2). When the voltage on the TRACK/SS
pin is less than the internal 0.8V reference, the LTC7802
regulates the VFB pin voltage to the voltage on the TRACK/
SS pin instead of the internal reference. The TRACK/SS
pin can be used to program an external soft-start function
or to allow VOUT to track another supply during start-up.
Soft-start is enabled by simply connecting a capacitor
from the TRACK/SS pin to ground. An internal 12.5μA
current source charges the capacitor, providing a linear
ramping voltage at the TRACK/SS pin. The LTC7802 will
regulate its feedback voltage (and hence VOUT) according
to the voltage on the TRACK/SS pin, allowing VOUT to
rise smoothly from 0V to its final regulated value. For a
desired soft-start time, tSS, select a soft-start capacitor
CSS = tSS • 15μF/sec.
Alternatively, the TRACK/SS pins can be used to track two
or more supplies during start-up, as shown qualitatively
in Figure 6a and Figure 6b. To do this, a resistor divider
should be connected from the master supply (VX) to the
TRACK/SS pin of the slave supply (VOUT), as shown in
Figure 7. During start-up VOUT will track VX according to
the ratio set by the resistor divider:
VX
VOUT
=
RA
RTRACKA
•
RTRACKA +RTRACKB
RA +RB
Set RTRACKA = RA and RTRACKB = RB for coincident track-
ing (VOUT = VX during start-up).
Single Output 2-Phase Operation
For high power applications, the two channels can be
operated in a 2-phase single output configuration. The
channels switch 180° out-of-phase, which reduces the
required output capacitance in addition to the required
input capacitance and power supply induced noise. To
configure the LTC7802 for 2-phase operation, tie VFB2 to
INTVCC, ITH2 to ground, and RUN2 to RUN1.
The RUN1, VFB1, ITH1, TRACK/SS1 pins are then used
to control both channels, but each channel uses its own
ICMP and IR comparators to monitor their respective
Figure 6. Two Different Modes of Output Voltage Tracking
inductor currents. Figure 10 is a typical application con-
figured for single output 2-phase operation.
INTVCC Regulators
The LTC7802 features two separate internal low dropout
linear regulators (LDOs) that supply power at the INTVCC
pin from either the VIN pin or the EXTVCC pin depending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com