Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7802EUFDM-3.3 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC7802EUFDM-3.3
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM-3.3 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC7802EUFDM-3.3 Datasheet HTML 4Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 5Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 6Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 7Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 8Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 9Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 10Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 11Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LTC7802-3.3
8
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
INTVCC Load Regulation
EXTVCC Switchover and INTVCC
Voltage vs Temperature
INTVCC Undervoltage Lockout
Thresholds vs Temperature
Quiescent Current
vs Temperature
Shutdown Current vs VIN Voltage
TRACK/SS Pull-Up Current
vs Temperature
VIN = 12V
EXTVCC = 0V
EXTVCC = 5V
EXTVCC = 6V
INTVCC LOAD CURRENT (mA)
0
50
100
150
200
250
300
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
CC
780233 G19
INTVCC VOLTAGE
EXTVCC RISING
EXTVCC FALLING
VIN = 12V
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
4.2
4.4
4.6
4.8
5.0
5.2
5.4
CC
780233 G20
RISING
FALLING
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
Thresholds vs Temperature
780233 G21
ONLY CHANNEL 1 ON
SLEEP MODE
VIN = 12V
EXTVCC = 5V
SENSE1– = 3.3V
EXTVCC = 0V
SENSE1– = 3.3V
EXTVCC = 0V
SENSE1– = 0V
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
0
5
10
15
20
25
30
35
40
780233 G22
155°C
25°C
–55°C
125°C
VIN VOLTAGE (V)
0
5
10
15
20
25
30
35
40
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
IN
780332 G23
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
9
10
11
12
13
14
15
780233 G24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com