Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8055 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM8055
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8055 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM8055 Datasheet HTML 9Page - Analog Devices LTM8055 Datasheet HTML 10Page - Analog Devices LTM8055 Datasheet HTML 11Page - Analog Devices LTM8055 Datasheet HTML 12Page - Analog Devices LTM8055 Datasheet HTML 13Page - Analog Devices LTM8055 Datasheet HTML 14Page - Analog Devices LTM8055 Datasheet HTML 15Page - Analog Devices LTM8055 Datasheet HTML 16Page - Analog Devices LTM8055 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTM4656/LTM4656-1
13
Rev. 0
For more information www.analog.com
each cycle, the top MOSFET is turned on until either the
inductor current starts to reverse, as indicated by the cur-
rent comparator or the beginning of the next clock cycle.
In a step-up boost converter, the duty cycle can be cal-
culated at:
D = 1 –
VIN
VOUT
Note that at low input voltages, small voltage drops due
to series resistance become critical and greatly limit the
power delivery capability of the converter.
Theboostcontrollerhasaninternal1.2Vreferencevoltage,
and a 221k 1% internal feedback resistor connects VOUT
and VFB pins together. Adding a resistor RFB from VFB pin
to GND programs the output voltage:
RFB =
1.2V
VOUT – 1.2V
• 221k
Table 1. VFB Resistor Value vs Various Output Voltages
VOUT (V)
6V
8V
10V
12V
20V
24V
30V
36V
RFB
54.9k 39.2k 30.9k 24.3k 14k 11.5k 9.31k
7.5k
For parallel operation of N-piece of LTM4656 modules, the
following equation can be used to solve for RFB:
RFB =
1.2V
VOUT – 1.2V
•
221k
N
The VFB, COMP, SS, RUN and SDHN pins should be con-
nected together.
The UV pins can be tied together taking into account the
internal 100k resistor to VIN will reduce N times when
selecting a single resistor to set an UVLO operating point
for the paralleled modules.
INPUT DECOUPLING CAPACITORS
The LTM4656 module should be connected to a low
AC-impedance DC source. The input ripple current in a
boostconverterisrelativelylow(comparedwiththeoutput
ripplecurrent)becausethiscurrentiscontinuous.Theinput
capacitor, CIN, voltage rating should comfortably exceed
the maximum input voltage, and placed on the BVIN pins.
Although ceramic capacitors can be relatively tolerant of
overvoltage conditions, aluminum electrolytic capacitors
are not. Be sure to characterize the input voltage for any
possible overvoltage transients that could apply excess
stress to the input capacitors.
The value of the CIN is a function of the source impedance,
andingeneral,thehigherthesourceimpedance,thehigher
the required input capacitance. The required amount of
input capacitance is also greatly affected by the duty cycle.
High output current applications that also experience high
duty cycles can place great demands on the input supply,
both in terms of DC current and ripple current.
The input IRMS current in boost is fairly low since the
input current is continuous. Primary input capacitance is
to maintain low input ripple voltage.
The input IRMS current equation:
IRMS =
IO2 +(∆I)2
12
Where IO is output current, and
∆I =
VIN • D
4.7µH • FREQ
The output capacitor will see discontinuous current, thus
the peak current can be high, and the COUT IRMS is signifi-
cant. The equation for the COUT IRMS current is:
IRMS = IOUT
VOUT – VIN
VIN
The output ripple has two components, one that is related
to output capacitance minimum:
COUT =
IOUT • D
FREQ • ∆VOUT
Where ∆VOUT is the output ripple based on total output
capacitance.Thesecondisbasedontotalequivalentoutput
capacitance ESR:
∆VOUTESR = ESR •
IOUT
1– D
+
∆I
2
⎛
⎝⎜
⎞
⎠⎟
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com