Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ16VTALT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBZ16VTALT1G
Description  Zener Diodes, 24 and 40 Watt Peak Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ16VTALT1G Datasheet(HTML) 2 Page - ON Semiconductor

  MMBZ16VTALT1G Datasheet HTML 1Page - ON Semiconductor MMBZ16VTALT1G Datasheet HTML 2Page - ON Semiconductor MMBZ16VTALT1G Datasheet HTML 3Page - ON Semiconductor MMBZ16VTALT1G Datasheet HTML 4Page - ON Semiconductor MMBZ16VTALT1G Datasheet HTML 5Page - ON Semiconductor MMBZ16VTALT1G Datasheet HTML 6Page - ON Semiconductor MMBZ16VTALT1G Datasheet HTML 7Page - ON Semiconductor MMBZ16VTALT1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MMBZxxxALT1G Series, SZMMBZxxxALT1G Series
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation @ 1.0 ms (Note 1)
MMBZ5V6ALT1G thru MMBZ9V1ALT1G
@ TL ≤ 25°C
MMBZ12VALT1G thru MMBZ47VALT1G
Ppk
24
40
W
Total Power Dissipation on FR−5 Board (Note 2)
@ TA = 25°C
Derate above 25
°C
°PD°
225
1.8
mW
°
mW/
°C
Thermal Resistance Junction−to−Ambient
RqJA
556
°C/W
Total Power Dissipation on Alumina Substrate (Note 3)
@ TA = 25°C
Derate above 25
°C
°PD°
300
2.4
°mW
mW/
°C
Thermal Resistance Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature Range
TJ, Tstg
− 55 to +150
°C
Lead Solder Temperature − Maximum (10 Second Duration)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Non−repetitive current pulse per Figure 6 and derate above TA = 25°C per Figure 7.
2. FR−5 = 1.0 x 0.75 x 0.62 in.
3. Alumina = 0.4 x 0.3 x 0.024 in, 99.5% alumina.
*Other voltages may be available upon request.
ORDERING INFORMATION
Device
Package
Shipping
MMBZ5V6ALT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
SZMMBZ5V6ALT1G*
SOT−23
(Pb−Free)
3,000 / Tape & Reel
MMBZ5V6ALT3G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
MMBZ6VxALT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
SZMMBZ6VxALT1G*
SOT−23
(Pb−Free)
3,000 / Tape & Reel
MMBZ6VxALT3G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
MMBZ9V1ALT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
MMBZ9V1ALT13G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
MMBZxxVALT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
SZMMBZxxVALT1G*
SOT−23
(Pb−Free)
3,000 / Tape & Reel
MMBZxxVALT3G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
SZMMBZxxVALT3G*
SOT−23
(Pb−Free)
10,000 / Tape & Reel
SZMMBZxxVTALT1G*
SOT−23
(Pb−Free)
3,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*SZ Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP
Capable



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com